Electronic Components Datasheet Search
  English  ▼

X  

HEX Datasheet(PDF) 1 Page - Cooper Bussmann, Inc.

Part # HEX
Description  HEB breakaway and non-breakaway in-line fuse holders for UL 13/32??x 1-1/2??supplemental fuses
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

HEX Datasheet(HTML) 1 Page - Cooper Bussmann, Inc.

  HEX Datasheet HTML 1Page - Cooper Bussmann, Inc. HEX Datasheet HTML 2Page - Cooper Bussmann, Inc. HEX Datasheet HTML 3Page - Cooper Bussmann, Inc. HEX Datasheet HTML 4Page - Cooper Bussmann, Inc. HEX Datasheet HTML 5Page - Cooper Bussmann, Inc. HEX Datasheet HTML 6Page - Cooper Bussmann, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Technical Data 2127
Effective December 2015
Supersedes October 2015
BUSSMANN
SERIES
HEB breakaway and non-breakaway
in-line fuse holders for UL 13/32” x 1-1/2”
supplemental fuses
Catalog Symbol: HEB*
Description:
The Bussmann® series of HEB submersible,
single-pole in-line fuse holders for UL 13/32” x
1-1/2” supplemental fuses. Available in
non-breakaway and breakaway versions
with an array of terminal options to meet
application needs. Breakaway versions come
with insulating boots to provide submersibility
per UL IP67.
Non-breakaway versions require ordering
optional insulating boots for submersibility.
Recommended fuses:
BAF, FNM, FNQ, KLM and KTK
Ratings:
Volts:
600V
Amps:
up to 30A limited by conductor size
Withstand: 200kA RMS Sym.
Agency information:
UL® Recognized, Guide IZLT2, File E14853
CSA® Certified, Class 622501, File 47235
CE, RoHS compliant†
Coupling nut torque:
10-20 Lb-In (1.1-2.2 N•m)
Operating and storage temperature:
-40°F (-40°C) to 221°F (105°C)
Insulating boots:
Two insulating boots come standard with the
breakaway holder configurations. Insulating
boots are not included as standard with non-
breakaway holders. Two insulating boots must
be ordered separately, if required, for each non-
breakaway holder ordered. When insulating
boots are utilized, extra heat retention requires
Dual conductor
2A0661
Boot reference:
Installation instructions:
Strip wire insulation equal to the depth of
the crimp or screw terminal. Torque screw
terminal to 35 Lb-In (3.9 N•m) or crimp terminal
twice, spacing crimps a distance of one-third
from each end (as shown below) using an
appropriate crimp tool and die. See page 6 for
recommended crimping tools.
Related products:
Catalog
number Description
Data
sheet No.
HEX
Two-pole supplemental
in-line fuse holder
2126
HEZ
One-pole Class CC in-line
fuse holder
2130
HEY
Two-pole Class CC in-line
fuse holder
2126
HET
One-pole in-line,
permanently installed
neutral
2125
NNB
13/32” x 1-1/2” neutral
dummy link (not a fuse)
—
Strip wire insulation
to depth of terminal
Crimp terminal twice
at locations 1/3 distance
from each end
that fuses are sized at a minimum of 200% of
the RMS load current.
Use these part numbers to order insulating
boots for a non-breakaway HEB holder:
Description
Part number
Single conductor
2A0660
4.1
(104)
4.7
(119)
1.3
(ø33)
0.8
(ø20)
* The Bussmann series HEB in-line fuse holders are the legacy
Bussmann TRON™ HEB in-line fuse holders.
† See terminal data tables for exceptions.


Similar Part No. - HEX

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
HEX COOPER-HEX Datasheet
62Kb / 2P
TRON짰 In-Line Fuseholders
logo
Eaton All Rights Reserv...
HEX EATON-HEX Datasheet
996Kb / 6P
HEB breakaway and non-breakaway in-line fuse holders for UL 13/32??x 1-1/2??supplemental fuses
logo
CBC Group. CBC AMERICA ...
HEX COMPUTAR-HEX Datasheet
773Kb / 3P
UL Classified Explosion-Proof Housings HEX Series
06/22
HEX-40140 COMPUTAR-HEX-40140 Datasheet
773Kb / 3P
UL Classified Explosion-Proof Housings HEX Series
06/22
HEX-50175 COMPUTAR-HEX-50175 Datasheet
773Kb / 3P
UL Classified Explosion-Proof Housings HEX Series
06/22
More results

Similar Description - HEX

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
FNQ-2 COOPER-FNQ-2 Datasheet
373Kb / 2P
13/32 x 1-1/2 500Vac Time-delay supplemental fuses
FNM-25 COOPER-FNM-25 Datasheet
378Kb / 3P
13/32 x 1-1/2 250Vac Time-delay supplemental fuses
FNQ-8-10 COOPER-FNQ-8-10 Datasheet
373Kb / 2P
13/32 x 1-1/2 500Vac Time-delay supplemental fuses
KTK-45 COOPER-KTK-45 Datasheet
374Kb / 2P
13/32 x 1-1/2 600Vac Fast-acting supplemental fuses
FNM-3 COOPER-FNM-3 Datasheet
378Kb / 3P
13/32 x 1-1/2 250Vac Time-delay supplemental fuses
KLM-20 COOPER-KLM-20 Datasheet
391Kb / 2P
13/32 x 1-1/2 600Vac/dc Fast-acting supplemental fuses
HEZ-AA COOPER-HEZ-AA Datasheet
600Kb / 4P
HEZ breakaway and non-breakaway in-line rejection fuse holders for UL Class CC fuses
logo
List of Unclassifed Man...
2A0660 ETC1-2A0660 Datasheet
1Mb / 6P
HEB breakaway and non-breakaway in-line fuse holders
HEZ-AA ETC1-HEZ-AA Datasheet
600Kb / 4P
HEZ breakaway and non-breakaway in-line rejection fuse holders
logo
Eaton All Rights Reserv...
HEB EATON-HEB Datasheet
996Kb / 6P
HEB breakaway and non-breakaway in-line fuse holders for UL 13/32??x 1-1/2??supplemental fuses
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com