Electronic Components Datasheet Search
  English  ▼

X  

CHSF-80 Datasheet(PDF) 6 Page - Cooper Bussmann, Inc.

Part # CHSF-80
Description  Compact high speed fuses ??500Vac/dc, 50-400A
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

CHSF-80 Datasheet(HTML) 6 Page - Cooper Bussmann, Inc.

  CHSF-80 Datasheet HTML 1Page - Cooper Bussmann, Inc. CHSF-80 Datasheet HTML 2Page - Cooper Bussmann, Inc. CHSF-80 Datasheet HTML 3Page - Cooper Bussmann, Inc. CHSF-80 Datasheet HTML 4Page - Cooper Bussmann, Inc. CHSF-80 Datasheet HTML 5Page - Cooper Bussmann, Inc. CHSF-80 Datasheet HTML 6Page - Cooper Bussmann, Inc. CHSF-80 Datasheet HTML 7Page - Cooper Bussmann, Inc. CHSF-80 Datasheet HTML 8Page - Cooper Bussmann, Inc.  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
6
Technical Data 10414
Effective October 2015
Compact high speed fuses
Eaton.com/bussmannseries
AC arc voltage
AC clearing I2t voltage correction factor
500
550
600
650
700
750
800
850
900
950
1,000
100150
200250
300350
400450
500
System voltage (ACRMS)
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
200
250
300
350
400
450
500
System voltage (ACRMS)
DC arc voltage
500
550
600
650
700
750
800
850
900
950
1000
100
150
200
250
300
350
400
450
500
System voltage (DC)
DC clearing I2t voltage correction factor
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
100
150
200
250
300
350
400
450
500
System voltage (DC)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com