Electronic Components Datasheet Search
  English  ▼

X  

AHDS30VFD Datasheet(PDF) 2 Page - Cooper Bussmann, Inc.

Part # AHDS30VFD
Description  NEMA 4X 30A and 60A motor control disconnects
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

AHDS30VFD Datasheet(HTML) 2 Page - Cooper Bussmann, Inc.

  AHDS30VFD Datasheet HTML 1Page - Cooper Bussmann, Inc. AHDS30VFD Datasheet HTML 2Page - Cooper Bussmann, Inc. AHDS30VFD Datasheet HTML 3Page - Cooper Bussmann, Inc. AHDS30VFD Datasheet HTML 4Page - Cooper Bussmann, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
Technical Data10416
Effective December 2015
NEMA 4X 30A and 60A motor control disconnects
Eaton.com/bussmannseries
Enclosure
•
NEMA 4X (provides 4, 12 and IP67 protection)
Flammability rating
•
UL 94 5VA2
Temperature rating*
•
Max continuous +60°C (+140°F)
•
Min continuous (without impact) -50°C (-58°F)
Horsepower rated
•
See catalog numbers table
Poles
•
3-poles
Conductors
•
#10 to #14 AWG, solid or stranded 75°C Cu
UV resistance
•
Ennclosure materials are UV stabilized
Dielectric voltage
•
2.2kA AC minimum
Mechanical
•
Impact resistance per UL 746C
•
Mechanical life
•
10,000 cycles minimum
•
Terminal identification per UL and CSA®
•
Product identification and ratings are part of internal and
external label
•
Mounting
•
External adjustable feet with 0, 45 and 90 degree positions
Materials
•
Enclosure
•
Top cover, base and mounting feet: VALOX resin
•
Cover screws: captive phil-slot 300 series stainless steel
mating with threaded brass inserts
•
Mounting feet screws: 300 series stainless steel
•
Handle
•
Handle and handle shaft: VALOX resin
•
Handle seal: neoprene
•
Handle screw: tamper resistant 300 series stainless steel
•
Grounding
•
Grounding plate: galvanized steel
•
Assembly screws: 300 series stainless steel
* When used with 75°C Cu wire only.
Catalog number system
AH DS
Product prefix
Disconnect switch
Amps
30 = 30A
60 = 60A
Options
BLANK = base model
AC = Auxillary contacts (1 NO and 1 NC)
VFD = Aux contcats for variable frequency drive (early-break)
Catalog numbers:
Catalog number
Description
Horsepower ratings (phase/Vac)
1Ø,
120V
1Ø,
220-240V
1Ø,
277V
1Ø,
440-480V
3Ø,
224-240V
3Ø,
440-480V
3Ø,
600V
AHDS30-BUSS
30A disconnect switch
1
3
3
5
5
10
10
AHDS30AC-BUSS
30A disconnect switch with auxiliary
contacts
AHDS30VFD-BUSS 30A disconnect switch with auxiliary
contacts for variable frequency drive
AHDS60-BUSS
60A disconnect switch
2
5
7.5
10
10
20
20
AHDS60AC-BUSS
60A disconnect switch with auxiliary
contacts
AHDS60VFD-BUSS 60A disconnect switch with auxiliary
contacts for variable frequency drive



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com