Electronic Components Datasheet Search
  English  ▼

X  

SF76E Datasheet(PDF) 7 Page - NEC

Part # SF76E
Description  ORGANIC THERMAL SENSITIVE PELLET TYPE 10 AMPERES RATED CURRENT
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

SF76E Datasheet(HTML) 7 Page - NEC

Back Button SF76E Datasheet HTML 3Page - NEC SF76E Datasheet HTML 4Page - NEC SF76E Datasheet HTML 5Page - NEC SF76E Datasheet HTML 6Page - NEC SF76E Datasheet HTML 7Page - NEC SF76E Datasheet HTML 8Page - NEC SF76E Datasheet HTML 9Page - NEC SF76E Datasheet HTML 10Page - NEC SF76E Datasheet HTML 11Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
7
SF/E SERIES
q
The body temperature of the thermal cutoff becomes higher as current passes through and might rise higher
than the ambient operating temperature (see test data). The temperature may rise even higher depending on
the mounting method and other conditions. Therefore, after mounting the thermal cutoff under the same
conditions you would use for the actual application, work the final product and measure the body temperature
of the thermal cutoff.
q
Use the thermal cutoff with a voltage and current level lower than the rated level.
If the thermal cutoff is used with a voltage or current level higher than the rated level, contacts may melt
causing the fuse to malfunction.
q
Do not use the thermal cutoff in water, organic solvents or other liquids, or environments containing sulfurous
acid gas, nitrous acid gas, or high humidity. Doing so will cause deterioration of the sealing resin, the thermal
cutoff may operate at lower than operating temperature, or any other malfunctions may occur. Also, the
thermal cutoff may not operate even if its operating temperature is exceeded.
Lead wire process
q
When bending the lead wire, in order to protect the resin seal from excessive pressure, secure the lead wire
cIose to the case and bend the part beyond the secured section.
3 mmor more
Secured
Secured
Mounting
SEFUSE can be mounted by soldering, caulking, or welding.
q
If soldering, note that the thermal cutoff may not function because of excessive solder temperature.
To prevent such malfunctions, you can hold the lead near the case using a tool and solder for short intervals
at a time, allowing the heat to escape.
Another effective method is to use a lower solder temperature and to solder at a location that is distant from
the case.
q
If caulking or welding, be careful to keep the resistance value of the connecting section low.
If the connecting section has a high resistance value, the passing current may generate an abnormally high
temperature that will cause the thermal cutoff to operate (break the circuit).
Deformation of the case may change the location of the moving electrode during operation and may cause the
thermal cutoff to operate only at temperatures lower than the normal operating temperature range. The ther-
mal cutoff also may not operate even if the thermal cutoff's operating temperature is exceeded.
0.8 steel wire
SF(10 kgf)
φ
The lead wire should be bent at a distance 3 mm or more from the body of the fuse, and should not be twisted.
q
The tensile strength applied to the lead wire should be 5 kg or less.
q
The strength applied to the body of the thermal cutoff should be 10 kg or less.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com