Electronic Components Datasheet Search
  English  ▼

X  

16005-3 Datasheet(PDF) 3 Page - Cooper Bussmann, Inc.

Part # 16005-3
Description  Splicer blocks
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

16005-3 Datasheet(HTML) 3 Page - Cooper Bussmann, Inc.

  16005-3 Datasheet HTML 1Page - Cooper Bussmann, Inc. 16005-3 Datasheet HTML 2Page - Cooper Bussmann, Inc. 16005-3 Datasheet HTML 3Page - Cooper Bussmann, Inc. 16005-3 Datasheet HTML 4Page - Cooper Bussmann, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3
Technical Data 10534
Effective June 2016
Splicer blocks
Eaton.com/bussmannseries
Dimensions — in
160_ blocks
Catalog
number
prefix
A
B
C1
C2
C3
D
E
F
G
H
J
K
L
162_
2.88
2.25
1.07
1.88
2.70
1.75
0.82
0.54
0.32
0.84
0.31
0.20
0.41
163_
4.0
3.38
1.98
3.60
5.21
3.32
1.62
0.99
0.31
0.88
0.35
Slot 0.20” wide x 0.41” long Slot 0.42” wide x 0.62” long
165_
5.5
4.75
3.11
5.76
8.48
2.94
2.69
1.55
0.36
1.19
0.44
Slot 0.20” wide x 0.33” long Slot 0.41” wide x 0.53” long
2.12"
0.69"
0.50"
4.12" (2-Pole)
5.37" (3-Pole)
6.62" (4-Pole)
3.62" (2-Pole)
4.87" (3-Pole)
6.12" (4-Pole)
1.38"
1.00"
0.38"
2.00"
0.27" Dia. (2 holes)
Slot 0.22" x 0.38" (4 places)
0.25"
2.75"
Lineside
Loadside
162_, 163_ and 165_ blocks
FE
E
C
A B
G
L C'Bore
K Dia.
Loadside
Lineside
D
JH
Dual wire port application
•
Rated for dual wire port application to increase the possible
number of lineside and loadside connections. E.g., 16303-1 can
accept two wires into the lineside port (1/0 - #6 Cu/Al) and two
wires per port (2 connections per pole total) on the loadside lug
(1/0 - #6 Cu/Al).
•
Dual wire applications are only viable when using two wires of
the same size, stranding, and insulating and conductor material in
the same port.
Ferrule terminal application
•
Bussmann series splicer blocks are rated for use with UL Listed
ferrules (see catalog number table for details). Ferrule ratings
apply to copper wire only.
•
Ferrule applications allow for the use of a broader range of
conductor stranding and simulate a more efficient, solid wire
connection with the PDB terminal port.
•
Always use UL Listed ferrules in accordance with the
manufacturer’s specifications and instructions.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com