Electronic Components Datasheet Search
  English  ▼

X  

1SS108 Datasheet(PDF) 1 Page - SUNMATE electronic Co., LTD

Part # 1SS108
Description  SILICON SCHOTTKY BARRIER DIODE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNMATE [SUNMATE electronic Co., LTD]
Direct Link  http://www.sunmate.tw/
Logo SUNMATE - SUNMATE electronic Co., LTD

1SS108 Datasheet(HTML) 1 Page - SUNMATE electronic Co., LTD

  1SS108 Datasheet HTML 1Page - SUNMATE electronic Co., LTD 1SS108 Datasheet HTML 2Page - SUNMATE electronic Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1 of 2
SILICON SCHOTTKY BARRIER DIODE
1SS108
Reverse voltage
V
R
Average rectified current
I
O
Junction temperature
Tj
125
°C
Storage temperature
Tstg
–55 to +125
°C
Electrical Characteristics (Ta = 25
°C)
Item
Symbol
Min
Typ
Max
Unit
Test Condition
Forward current
I
F
3.0
—
—
mA
V
F = 1V
Reverse current
I
R
—
—
100
µAV
R = 10V
Capacitance
C
—
—
3.0
pF
V
R = 1V, f = 1MHz
Rectifier efficiency
η
70
—
—
%
Vin = 2Vrms, f = 40MHz, R
L = 5k Ω, CL
= 20pF
ESD-Capability
—
70
—
—
V
*C = 200pF, Both forward and
reverse direction 1 pulse.
Note:
Failure criterion; I
R ≥ 200µA at VR = 10V
Features
0.079(2.0)
MAX
0.020(0.52)
TYP
0.165 (4.2)
MAX
1.0 2(26.0)
MIN.
1.0 2(26.0)
MIN.
DO-35(GLASS)
Dimensions in millimeters
www.sunmate.tw
Mechanical Data
Case: DO-35, glass case
Polarity: Color band denotes cathode
Weight: 0.004 ounces, 0.13 grams
!
!
!
Detection efficiency is very good.
Small temperature coefficient.
High reliability with glass seal.
!
!
!
15
mA
30
V
Item
Symbol
Value
Unit
Maximum Ratings TA = 25°C unless otherwise specified


Similar Part No. - 1SS108

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
1SS108 HITACHI-1SS108 Datasheet
17Kb / 5P
Silicon Schottky Barrier Diode for Various Detector, High Speed Switching
logo
SEMTECH ELECTRONICS LTD...
1SS108 SEMTECH_ELEC-1SS108 Datasheet
176Kb / 2P
SILICON SCHOTTKY BARRIER DIODE
More results

Similar Description - 1SS108

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HSB226YP HITACHI-HSB226YP Datasheet
23Kb / 5P
Silicon Schottky Barrier Diode
E208931_HSC278 HITACHI-E208931_HSC278 Datasheet
71Kb / 7P
Silicon Schottky Barrier Diode
logo
Guangdong Kexin Industr...
HRW0503A KEXIN-HRW0503A Datasheet
34Kb / 1P
Silicon Schottky Barrier Diode
HSM88WA KEXIN-HSM88WA Datasheet
34Kb / 1P
Silicon Schottky Barrier Diode
HSM276S KEXIN-HSM276S Datasheet
36Kb / 1P
Silicon Schottky Barrier Diode
logo
Sanken electric
FMB-24 SANKEN-FMB-24_11 Datasheet
196Kb / 5P
Silicon Schottky Barrier Diode
FMW-2204 SANKEN-FMW-2204 Datasheet
251Kb / 5P
Silicon Schottky Barrier Diode
FMW-4306 SANKEN-FMW-4306 Datasheet
181Kb / 5P
Silicon Schottky Barrier Diode
FMW-24L SANKEN-FMW-24L Datasheet
228Kb / 5P
Silicon Schottky Barrier Diode
RK36 SANKEN-RK36 Datasheet
142Kb / 5P
Silicon Schottky Barrier Diode
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com