Electronic Components Datasheet Search
  English  ▼

X  

CDBC520 Datasheet(PDF) 1 Page - SUNMATE electronic Co., LTD

Part # CDBC520
Description  SURFACE MOUNT SCHOTTKY BARRIER DIODES
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNMATE [SUNMATE electronic Co., LTD]
Direct Link  http://www.sunmate.tw/
Logo SUNMATE - SUNMATE electronic Co., LTD

CDBC520 Datasheet(HTML) 1 Page - SUNMATE electronic Co., LTD

  CDBC520 Datasheet HTML 1Page - SUNMATE electronic Co., LTD CDBC520 Datasheet HTML 2Page - SUNMATE electronic Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Parameter
Max.Repetitive Peak Reverse Voltage
Max. DC Blocking Voltage
Max. RMS Voltage
Peak Surge Forward Current
8.3ms single half sine-wave
superimposed on rate load
( JEDEC method )
Max. Average Forward Current
Max. Instantaneous Forward Current
at 5.0 A
Max. DC Reverse Current at Rated DC
Blocking Voltage
Ta=25
Ta=100
Max. Thermal Resistance (Note 1)
Operating Junction temperature
Storage Temperature
Symbol
VRRM
VDC
VRMS
IFSM
I o
V F
I R
R JA
R JL
T j
TSTG
Unit
V
V
V
A
A
V
mA
C/W
Note 1: Thermal resistance from junction to ambient and junction to to lead P.C.B. Mounted on 0.2 x 0.2 copper pad areas
CDBC520
CDBC5100
CDBC560
CDBC540
20
20
14
100
100
70
60
60
42
40
40
28
100
5.0
0.55
0.85
0.70
-50 to +125
50
10
1.0
-65 to +150
10
20
C
C
C
C
CURRENT: 5.0 A
CDBC520 - CDBC5100
SURFACE MOUNT SCHOTTKY BARRIER DIODES
Features
Maximum Ratings TA = 25°C unless otherwise specified
!
!
!
!
!
!
VOLTAGE RANGE: 20 - 100V
1 of 2
www.sunmate.tw
Dim
Min
Max
A
5.59
6.22
B
6.60
7.11
C
2.75
3.18
D
0.15
0.31
E
7.75
8.13
G
0.10
0.20
H
0.76
1.52
J
2.00
2.62
All Dimensions in mm
A
B
C
D
G
H
E
J
SMC/DO-214AB
!
Case: SMC/DO-214AB, Molded Plastic
!
Terminals: Solder Plated, Solderable
per MIL-STD-750, Method 2026
!
Polarity: Cathode Band or Cathode Notch
!
Marking: Type Number
!
Weight: 0.21 grams (approx.)
Mechanical Data
!
!
!
!
!
Ideal for surface mount applications
Easy pick and place
Plastic package has Underwriters Lab.
flammability classification 94V-0
Built-in strain relief
Low forward voltage drop


Similar Part No. - CDBC520

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
CDBC520 COMCHIP-CDBC520 Datasheet
83Kb / 2P
SMD Schottky Barrier Rectifier
CDBC520-G COMCHIP-CDBC520-G Datasheet
563Kb / 2P
SMD Schottky Barrier Rectifiers
CDBC520-G COMCHIP-CDBC520-G Datasheet
108Kb / 4P
SMD Schottky Barrier Rectifiers
CDBC520-G COMCHIP-CDBC520-G_12 Datasheet
108Kb / 4P
SMD Schottky Barrier Rectifiers
CDBC520-HF COMCHIP-CDBC520-HF Datasheet
75Kb / 4P
SMD Schottky Barrier Rectifiers
More results

Similar Description - CDBC520

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
SD103AW PANJIT-SD103AW Datasheet
62Kb / 3P
SURFACE MOUNT SCHOTTKY BARRIER DIODES
logo
Weitron Technology
B5817WS WEITRON-B5817WS Datasheet
369Kb / 3P
Surface Mount Schottky Barrier Diodes
BAS40 WEITRON-BAS40 Datasheet
203Kb / 2P
Surface Mount Schottky Barrier Diodes
SD103AW WEITRON-SD103AW Datasheet
79Kb / 3P
Surface Mount Schottky Barrier Diodes
logo
Pan Jit International I...
BAT400D PANJIT-BAT400D Datasheet
125Kb / 3P
SURFACE MOUNT SCHOTTKY BARRIER DIODES
logo
Weitron Technology
WSD521G WEITRON-WSD521G Datasheet
410Kb / 4P
Surface Mount Schottky Barrier Diodes
logo
Shenzhen Luguang Electr...
RB548W LUGUANG-RB548W Datasheet
250Kb / 2P
Surface Mount Schottky Barrier Diodes
SD103ATW LUGUANG-SD103ATW Datasheet
294Kb / 2P
Surface Mount Schottky Barrier Diodes
logo
Diode Semiconductor Kor...
SD103ATW DSK-SD103ATW Datasheet
242Kb / 3P
Surface Mount Schottky Barrier Diodes
logo
SUNMATE electronic Co.,...
EC31QS06 SUNMATE-EC31QS06 Datasheet
441Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER DIODES
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com