Electronic Components Datasheet Search
  English  ▼

X  

BC548B Datasheet(PDF) 1 Page - SUNMATE electronic Co., LTD

Part # BC548B
Description  NPN SILICON AMPLIFIER TRANSISTOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNMATE [SUNMATE electronic Co., LTD]
Direct Link  http://www.sunmate.tw/
Logo SUNMATE - SUNMATE electronic Co., LTD

BC548B Datasheet(HTML) 1 Page - SUNMATE electronic Co., LTD

  BC548B Datasheet HTML 1Page - SUNMATE electronic Co., LTD BC548B Datasheet HTML 2Page - SUNMATE electronic Co., LTD BC548B Datasheet HTML 3Page - SUNMATE electronic Co., LTD BC548B Datasheet HTML 4Page - SUNMATE electronic Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Charateristic
Symbol
Value
Unit
Collector-Emitter Voltage
BC546
BC547
BC548
V
CEO
65
45
30
V
Collector-Base Voltage
BC546
BC547
BC548
V
CBO
80
50
30
V
Emitter-Base Voltage
V
EBO
C
Power Dissipation@T
A=25
oC
P
d
625
5.0
mW
mW/
oC
Power Dissipation@T
C=25
oC
P
d
1.5
12
W
mW/
oC
Thermal Resistance, Junction to
Ambient Air
200
oC/W
Thermal Resistance, Junction to
Case
83.3
oC/W
j,TSTG
-55~150
oC
RqJC
RqJA
• Lead Free Finish/RoHS Compliant ("P" Suffix designates
RoHS Compliant. See ordering information)
• Case: TO-92, Molded Plastic
• Epoxy meets UL 94 V-0 flammability rating
• Through Hole Package
• 150 C Junction Temperature
• Moisure Sensitivity Level 1
• Polarity:indicated as below
ο
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
.175
.185
4.45
4.70
B
.175
.185
4.45
4.70
C
.500
---
12.70
---
D
.016
.020
0.41
0.63
E
.135
.145
3.43
3.68
.095
.105
2.42
2.67
Straight Lead
A
E
B
C
D
G
C
B
E
C
B
E
BENT LEAD
STRAIGHT LEAD
BULK PACK
AMMO PACK
* For ammo packing detailed specification, click here to visit our website
of product packaging for details.
.
173
.
220
4.40
5.60
Bent Lead
G
TO-92
DIMENSIONS
Halogen free available upon request by adding suffix "-HF"
•
BC546A/B/C - BC547A/B/C-BC548A/B/C
NPN SILICON AMPLIFIER TRANSISTOR
Features
Mechanical Data
100
mA
6.0
V
Operating & Storage Temperature
T
Collector Current(DC)
I
Maximum Ratings and Electrical Characteristics T
A = 25
°C unless otherwise specified
Single phase, half wave, 60Hz, resistive or inductive load. For capacitive load, derate current by 20%.
1 of 4
www.sunmate.tw
!
!
!
!
!
!
!
!


Similar Part No. - BC548B

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
BC548B ONSEMI-BC548B Datasheet
140Kb / 6P
Amplifier Transistors(NPN Silicon)
1996 REV 1
logo
Siemens Semiconductor G...
BC548B SIEMENS-BC548B Datasheet
210Kb / 6P
NPN Silicon Transistors
logo
Fairchild Semiconductor
BC548B FAIRCHILD-BC548B Datasheet
21Kb / 2P
NPN General Purpose Amplifier
logo
Diotec Semiconductor
BC548B DIOTEC-BC548B Datasheet
148Kb / 2P
Si-Epitaxial PlanarTransistors
logo
ON Semiconductor
BC548B ONSEMI-BC548B Datasheet
91Kb / 6P
Amplifier Transistors
May, 2004 ??Rev. 4
More results

Similar Description - BC548B

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
2N4410 ONSEMI-2N4410 Datasheet
183Kb / 6P
Amplifier Transistor(NPN Silicon)
November, 2001 ??Rev. 11
MPS6428 ONSEMI-MPS6428 Datasheet
57Kb / 4P
Amplifier Transistor(NPN Silicon)
1996
MPSA20 ONSEMI-MPSA20 Datasheet
106Kb / 7P
Amplifier Transistor NPN Silicon
January, 2006 ??Rev. 3
logo
Boca Semiconductor Corp...
2N2102 BOCA-2N2102 Datasheet
118Kb / 1P
AMPLIFIER TRANSISTOR NPN SILICON
2N930 BOCA-2N930 Datasheet
144Kb / 4P
AMPLIFIER TRANSISTOR (NPN SILICON)
logo
Motorola, Inc
MPS-U07 MOTOROLA-MPS-U07 Datasheet
145Kb / 2P
NPN SILICON AMPLIFIER TRANSISTOR
logo
ON Semiconductor
MMBT6521LT1 ONSEMI-MMBT6521LT1 Datasheet
110Kb / 7P
Amplifier Transistor NPN Silicon
January, 2006 ??Rev. 4
MMBT8099LT1 ONSEMI-MMBT8099LT1_06 Datasheet
70Kb / 5P
Amplifier Transistor NPN Silicon
January, 2006 ??Rev. 1
logo
Seme LAB
2N2484 SEME-LAB-2N2484 Datasheet
43Kb / 3P
NPN SILICON AMPLIFIER TRANSISTOR
logo
New Jersey Semi-Conduct...
MPS6571 NJSEMI-MPS6571 Datasheet
68Kb / 2P
Amplifier Transistor NPN Silicon
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com