Electronic Components Datasheet Search
  English  ▼

X  

TA11B Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # TA11B
Description  11 Lead Molded TO-220
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

TA11B Datasheet(HTML) 1 Page - National Semiconductor (TI)

  TA11B Datasheet HTML 1Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
April 1993
11 Lead Molded TO-220
NS Package Number TA11B
All dimensions are in inches (millimeters)
LIFE SUPPORT POLICY
NATIONAL’S PRODUCTS ARE NOT AUTHORIZED FOR USE AS CRITICAL COMPONENTS IN LIFE SUPPORT
DEVICES OR SYSTEMS WITHOUT THE EXPRESS WRITTEN APPROVAL OF THE PRESIDENT OF NATIONAL
SEMICONDUCTOR CORPORATION As used herein
1 Life support devices or systems are devices or
2 A critical component is any component of a life
systems which (a) are intended for surgical implant
support device or system whose failure to perform can
into the body or (b) support or sustain life and whose
be reasonably expected to cause the failure of the life
failure to perform when properly used in accordance
support device or system or to affect its safety or
with instructions for use provided in the labeling can
effectiveness
be reasonably expected to result in a significant injury
to the user
National Semiconductor
National Semiconductor
National Semiconductor
National Semiconductor
Corporation
Europe
Hong Kong Ltd
Japan Ltd
1111 West Bardin Road
Fax a49 (0) 180-530 85 86
13th Floor Straight Block
Tel 81-043-299-2308
Arlington TX 76017
Email europesupport nsccom
Ocean Centre 5 Canton Rd
Fax 81-043-299-2408
Tel 1(800) 272-9959
Deutsch Tel a49 (0) 180-530 85 85
Tsimshatsui Kowloon
Fax 1(800) 737-7018
English
Tel a49 (0) 180-532 78 32
Hong Kong
Fran ais Tel a49 (0) 180-532 93 58
Tel (852) 2737-1600
http
www nationalcom
Italiano
Tel a49 (0) 180-534 16 80
Fax (852) 2736-9960
National does not assume any responsibility for use of any circuitry described no circuit patent licenses are implied and National reserves the right at any time without notice to change said circuitry and specifications


Similar Part No. - TA11B

ManufacturerPart #DatasheetDescription
logo
TiMOTION Technology Co....
TA11 TIMOTION-TA11 Datasheet
400Kb / 6P
Max. load 1,500N (push / pull)
20200211-D
logo
TEWS Technologies GmbH
TA110 TEWS-TA110 Datasheet
450Kb / 3P
Reconfigurable FPGA with 16 x 16 bit Analog Input
2023-08-16
logo
Beijing Yaohuadechang E...
TA1100 YHDC-TA1100 Datasheet
1Mb / 1P
Through core type precision current transformer
logo
Transko Electronics, In...
TA11002AV TRANSKO-TA11002AV Datasheet
623Kb / 4P
110.0 MHz IF SAW Filter / 2.18 MHz Bandwidth
Revision 0: 06. Feb. 2008
TA11003AD1 TRANSKO-TA11003AD1 Datasheet
544Kb / 4P
110.43 MHz IF SAW Filter / 3.90 MHz Bandwidth
Revision 0: 28. Jun. 2008
More results

Similar Description - TA11B

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TA03F ETC-TA03F Datasheet
35Kb / 1P
TO-220, MOLDED, 3LEAD, AUTO L/F
Z03A ETC-Z03A Datasheet
33Kb / 1P
To-92 molded 3 lead
logo
National Semiconductor ...
TA07B NSC-TA07B Datasheet
50Kb / 1P
TO - 220 MOLDED 7 LEAD STAGGERED
MKT-TA05A NSC-MKT-TA05A Datasheet
30Kb / 1P
TO-220, MOLDED, SURFACE MOUNT, 5 LEAD
TA02A NSC-TA02A Datasheet
60Kb / 1P
2 Lead Molded TO - 220 NS Package Number TA02A
MKT-T05D NSC-MKT-T05D Datasheet
65Kb / 1P
TO-220, MOLDED, STAGGER BEND, 5 LEAD
TA12A NSC-TA12A Datasheet
54Kb / 1P
12 Lead Molded TO-220 NS Package Number TA12A
R03C NSC-R03C Datasheet
58Kb / 1P
3 Lead Molded TO-237 NS Package
TA11C NSC-TA11C Datasheet
59Kb / 1P
11 Lead Molded TO-220 NS Package
TA03A NSC-TA03A Datasheet
59Kb / 1P
3 Lead Molded TO-220 NS Package Number
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com