Electronic Components Datasheet Search
  English  ▼

X  

82C Datasheet(PDF) 3 Page - TE Connectivity Ltd

Part # 82C
Description  316L SS Pressure Sensor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

82C Datasheet(HTML) 3 Page - TE Connectivity Ltd

  82C Datasheet HTML 1Page - TE Connectivity Ltd 82C Datasheet HTML 2Page - TE Connectivity Ltd 82C Datasheet HTML 3Page - TE Connectivity Ltd 82C Datasheet HTML 4Page - TE Connectivity Ltd 82C Datasheet HTML 5Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
82
Compensated
SENSOR SOLUTIONS ///82C
2/2016
Page 3
PERFORMANCE SPECIFICATIONS
Supply Current: 1.5mA
Ambient Temperature: 25°C (unless otherwise specified)
PARAMETERS
001PSI
005PSI
≥015PSI
UNITS
NOTES
MIN
TYP
MAX
MIN
TYP
MAX
MIN
TYP
MAX
Span
50
100
150
50
100
150
75
100
150
mV
1
Zero Pressure Output
-2
0
2
-2
0
2
-1
0
1
mV
Pressure Non Linearity
-0.3
0.3
-0.2
+0.2
-0.1
0.1
%Span
2
Pressure Hysteresis
-0.10
±0.02
0.10
-0.10
±0.02
0.10
-0.05
±0.02
0.05
%Span
Repeatability
±0.02
±0.02
±0.02
%Span
Input Resistance
2.5
5.0
6.5
2.5
5.0
6.5
3.8
5.8
KΩ
Output Resistance
4.0
7.0
4.0
7.0
4.0
6.0
KΩ
Thermal Hysteresis
– Span
-0.25
±0.05
0.25
-0.25
±0.05
0.25
-0.25
±0.05
+0.25
%Span
3
Thermal Hysteresis
– Offset
-0.25
±0.05
0.25
-0.25
±0.05
0.25
-0.25
±0.05
+0.25
%Span
3
Temperature Error
– Span
-1.0
1.0
-1.0
1.0
-0.75
0.75
%Span
3
Temperature Error
– Offset
-1.0
1.0
-1.0
1.0
-0.5
0.5
%Span
3, 9
Long Term Stability
– Span
±0.10
±0.10
±0.10
%Span
4
Long Term Stability
– Offset
±0.25
±0.25
±0.10
%Span
4
Supply Current
0.5
1.5
2.0
0.5
1.5
2.0
0.5
1.5
2.0
mA
Insulation Resistance (50Vdc)
50
50
50
MΩ
5
Output Noise (10Hz to 1KHz)
1
1
1
uV p-p
Response Time (10% to 90%)
0.1
0.1
0.1
ms
Pressure Overload
10x
3x
3x
Rated
6
Pressure Burst
12x
4x
4x
Rated
Operating Temperature
-20
+70
-20
+70
-40
+125
ºC
Compensated Temperature
0
+50
0
+70
-20
+85
°C
Storage Temperature
-50
+125
-50
+125
-50
+125
ºC
7
Media
– Pressure Port
Liquids and Gases compatible with 316L Stainless Steel and Buna-N
8
Media
– Reference Port
Compatible with Silicon, Pyrex, Gold, Fluorosilicone RTV and 316L Stainless Steel
Notes
1.
Ratiometric to supply current.
2.
Best fit straight line.
3.
Maximum temperature error within the compensated temperature range with respect to 25°C.
4.
Long term stability over a one year period with constant current and temperature.
5.
Minimum resistance between case and pins.
6.
10 psi maximum for 1 psi devices.
7.
Maximum temperature range for product with standard cable and connector is -20°C to +105°C.
8.
Gage units not recommended for high vacuum applications. For high vacuum applications consult factory.
9.
Temperature Error
– Offset for 15psi is -0.75 to 0.75 and >15psi is -0.5 to 0.5.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com