Electronic Components Datasheet Search
  English  ▼

X  

85C Datasheet(PDF) 2 Page - TE Connectivity Ltd

Part # 85C
Description  Weldable and Threaded Process Fittings
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

85C Datasheet(HTML) 2 Page - TE Connectivity Ltd

  85C Datasheet HTML 1Page - TE Connectivity Ltd 85C Datasheet HTML 2Page - TE Connectivity Ltd 85C Datasheet HTML 3Page - TE Connectivity Ltd 85C Datasheet HTML 4Page - TE Connectivity Ltd 85C Datasheet HTML 5Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
85
Compensated
SENSOR SOLUTIONS ///85
9/2015
Page 2
FEATURES
Weldable and Threaded Process Fittings
-40ºC to +125ºC Operating
Temperature Range
Up to ±0.1% Pressure Non Linearity
1.0% Interchangeable Span
(provided by gain set resistor)
Solid State Reliability
APPLICATIONS
Medical Instruments
Process Control
Fresh & Waste Water Measurements
Partial Vacuum Gas Measurement
Pressure Transmitters
Tank Level Systems (RV & Industrial)
STANDARD RANGES
Range
psia
psig
0 to 5
0 to 15
0 to 30
0 to 50
0 to 100
0 to 300
0 to 500



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com