Electronic Components Datasheet Search
  English  ▼

X  

85F Datasheet(PDF) 3 Page - TE Connectivity Ltd

Part # 85F
Description  Dialysis Machines
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

85F Datasheet(HTML) 3 Page - TE Connectivity Ltd

  85F Datasheet HTML 1Page - TE Connectivity Ltd 85F Datasheet HTML 2Page - TE Connectivity Ltd 85F Datasheet HTML 3Page - TE Connectivity Ltd 85F Datasheet HTML 4Page - TE Connectivity Ltd 85F Datasheet HTML 5Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
85
Flush Mount
SENSOR SOLUTIONS ///85
9/2015
Page 3
PERFORMANCE SPECIFICATIONS
Supply Current: 1.5mA
Ambient Temperature: 25°C (unless otherwise specified)
Parameters are specified for the compensated versions only
PARAMETERS
MIN
TYP
MAX
UNITS
NOTES
Span
65
100
150
mV
1
Zero Pressure Output
-2
2
mV
2
Pressure Non Linearity
-0.1
0.1
%Span
3
Pressure Hysteresis
-0.05
0.05
%Span
Repeatability
±0.02
%Span
Input Resistance
2000
3500
5800
Ω
Output Resistance
4000
6000
Ω
Temperature Error
– Span
-0.75
0.75
%Span
4
Temperature Error
– Offset
-0.75
0.75
%Span
4
Thermal Hysteresis
– Span
-0.25
0.25
%Span
4
Thermal Hysteresis
– Offset
-0.25
0.25
%Span
4
Long Term Stability
– Span
±0.1
%Span/year
Long Term Stability
– Offset
±0.1
%Span/year
Supply Current
0.5
1.5
2.0
mA
5
Output Load Resistance
5
MΩ
6
Insulation Resistance (50Vdc)
50
MΩ
7
Output Noise (10Hz to 1kHz)
1.0
uV p-p
Response Time (10% to 90%)
1.0
Ms
Pressure Overload
3X
Rated
8
Pressure Burst
4X
Rated
9
Compensated Temperature
0
70
ºC
Operating Temperature
-20
+125
ºC
10
Storage Temperature
-50
+125
ºC
10
Media
– Pressure Port
Liquids and gases compatible with 316/316L Stainless Steel
Notes
1. For amplified output circuits, 3.012V ±`% interchangeability with gain set resistor. See Application Schematic.
2. Measured at vacuum for Absolute (A), ambient for Gage (G).
3. Best fit straight line.
4. Over the compensated temperature range with respect to 25°C.
5. Guarantees output/input ratiometricity.
6. Load resistance to reduce measurement errors due to output loading.
7. Between case and sensing element.
8. The maximum pressure that can
be applied without changing the transducer’s performance or accuracy.
9. The maximum pressure that can be applied to a transducer without rupture of either the sensing element or transducer.
10. Maximum temperature range for product with standard cable and connector is -20°C to +105°C.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com