Electronic Components Datasheet Search
  English  ▼

X  

86A Datasheet(PDF) 3 Page - TE Connectivity Ltd

Part # 86A
Description  0.5 - 4.5V High Level Output
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

86A Datasheet(HTML) 3 Page - TE Connectivity Ltd

  86A Datasheet HTML 1Page - TE Connectivity Ltd 86A Datasheet HTML 2Page - TE Connectivity Ltd 86A Datasheet HTML 3Page - TE Connectivity Ltd 86A Datasheet HTML 4Page - TE Connectivity Ltd 86A Datasheet HTML 5Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
86A
SENSOR SOLUTIONS ///86A
9/2015
Page 3
PERFORMANCE SPECIFICATIONS
Supply Voltage: 5.0Vdc
Ambient Temperature: 25°C (unless otherwise specified)
PARAMETERS
MIN
TYP
MAX
UNITS
NOTES
Full Scale Output Span
4.5
V
Zero Pressure Output (Offset)
0.5
V
Pressure Non Linearity
-1
±0.3
1
%Span
1
Pressure Hysteresis
-0.1
0.1
%Span
Repeatability
±0.02
%Span
Temperature Error
– Span (0°C to 40°C)
1, 2psi and .07bar: ±2.0
≥5psi or ≥.35bar: ±1.5
%Span
2
Temperature Error
– Zero (0°C to 40°C)
1, 2psi and .07bar: ±2.0
≥5psi or ≥.35bar: ±1.5
%Span
2
Accuracy (combined linearity, hysteresis,
& repeatability)
0.25
%Span
1
Total Error Band (includes calibration errors
above & temperature effects over the
compensated range)
1, 2psi and .07bar: ±7
5psi and .35bar: ±5
>5psi or .35bar: ±3
%Span
Supply Voltage
4.75
5.00
5.25
V
3
Insulation Resistance (50Vdc)
50
MΩ
4
Pressure Overload
3X
Rated
Compensated Temperature
0
+40
ºC
Operating Temperature
-20
+85
ºC
Media
– Pressure Port
Liquids and Gases compatible with 316L Stainless Steel
Notes
1.
Best fit straight line.
2.
Over the compensated temperature range with respect to 25°C.
3.
Guarantees output/input ratiometricity.
4.
Between case and sensing element.
5.
The maximum pressure that can be applied to a transducer without rupture of either the sensing element or transducer.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com