Electronic Components Datasheet Search
  English  ▼

X  

86C Datasheet(PDF) 3 Page - TE Connectivity Ltd

Part # 86C
Description  Absolute and Gage
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

86C Datasheet(HTML) 3 Page - TE Connectivity Ltd

  86C Datasheet HTML 1Page - TE Connectivity Ltd 86C Datasheet HTML 2Page - TE Connectivity Ltd 86C Datasheet HTML 3Page - TE Connectivity Ltd 86C Datasheet HTML 4Page - TE Connectivity Ltd 86C Datasheet HTML 5Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
86
Comopensated
SENSOR SOLUTIONS ///86
9/2015
Page 3
PERFORMANCE SPECIFICATIONS
Supply Current: 1.5mA
Ambient Temperature: 25°C (unless otherwise specified)
PARAMETERS
005PSI
≥015PSI
UNITS
NOTES
MIN
TYP
MAX
MIN
TYP
MAX
Span
50
100
150
75
100
150
mV
1
Zero Pressure Output
-2.0
0
2.0
-1.0
0
1.0
mV
2
Pressure Non Linearity
-0.2
0.2
-0.1
0.1
%Span
3
Pressure Hysteresis
-0.10
±0.02
0.10
-0.05
±0.02
0.05
%Span
Repeatability
±0.02
±0.02
%Span
Input Resistance
2.5K
5.0K
6.5K
2.0K
3.5K
5.8K
Ω
Output Resistance
4.0K
7.0K
4.0K
6.0K
Ω
Temperature Error
– Span
-1.0
1.0
-0.75
0.75
%Span
4
Temperature Error
– Offset
-1.5
1.5
-0.50
0.50
%Span
4, 5
Thermal Hysteresis
– Span
-0.25
±0.05
0.25
-0.25
±0.05
0.25
%Span
4
Thermal Hysteresis
– Offset
-0.25
±0.05
0.25
-0.25
±0.05
0.25
%Span
4
Long Term Stability
– Span
±0.10
±0.10
%Span/Year
Long Term Stability
– Offset
±0.25
±0.10
%Span/Year
Supply Current
0.5
1.5
2.0
0.5
1.5
2.0
mA
6
Output Load Resistance
5M
5M
Ω
7
Insulation Resistance (50Vdc)
50M
50M
Ω
8
Output Noise (10Hz to 1KHz)
1.0
1.0
uV p-p
Response Time (10% to 90%)
0.1
0.1
ms
Pressure Overload
3X
3X
Rated
Pressure Burst
4X
4X
Rated
9
Compensated Temperature
0
50
-20
+85
°C
Operating Temperature
-20
+70
-40
+125
ºC
10
Storage Temperature
-50
+125
-50
+125
ºC
10
Media
– Pressure Port
Liquids and Gases compatible with 316/316L Stainless Steel
Media
– Reference Port
Compatible with Silicon, Pyrex, Gold, Fluorosilicone Rubber, and 316/316L Stainless
Steel
Notes
1.
For amplified output circuits, 3.012V ±1% interchangeability with gain set resistor. See application schematic.
2.
Measured at vacuum for absolute (A) and at ambient for gage (G).
3.
Best fit straight line.
4.
Over the compensated temperature range with respect to 25°C.
5.
15-psi range sensors have a temperature error of °0.75% (max) of zero from -20°C to +85°C.
6.
Guarantees output/input ratiometricity.
7.
Load resistance to reduce measurement errors due to output loading.
8.
Between case and sensing element.
9.
The maximum pressure that can be applied to a transducer without rupture of either the sensing element or transducer.
10. Maximum temperature range for product with standard cable and connector is -20°C to +105°C.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com