Electronic Components Datasheet Search
  English  ▼

X  

89C Datasheet(PDF) 3 Page - TE Connectivity Ltd

Part # 89C
Description  316L SS Pressure Sensor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

89C Datasheet(HTML) 3 Page - TE Connectivity Ltd

  89C Datasheet HTML 1Page - TE Connectivity Ltd 89C Datasheet HTML 2Page - TE Connectivity Ltd 89C Datasheet HTML 3Page - TE Connectivity Ltd 89C Datasheet HTML 4Page - TE Connectivity Ltd 89C Datasheet HTML 5Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
89
Compensated
SENSOR SOLUTIONS ///89
9/2015
Page 3
PERFORMANCE SPECIFICATIONS
Supply Current: 1.5 mA
Ambient Temperature: 25°C (unless otherwise specified)
PARAMETERS
MIN
TYP
MAX
UNITS
NOTES
Full Scale Output Span
75
125
210
mV
1
Zero Pressure Output
-1.0
1.0
mV
Pressure Non Linearity
-0.25
0.25
%Span
2
Pressure Hysteresis
-0.1
0.1
%Span
Input Resistance
3000
4000
5000
Ω
Output Resistance
4000
6000
Ω
Temperature Error
– Span
-0.75
0.75
%Span
3
Temperature Error
– Zero
-0.75
0.75
%Span
3
Thermal Hysteresis
– Span
-0.25
0.25
%Span
3
Thermal Hysteresis
– Zero
-.025
0.25
%Span
3
Long Term Stability
– Zero/Span
±0.1
%Span/yr
Supply Current
0.5
1.5
2.0
mA
Output Load Resistance
5
MΩ
4
Insulation Resistance (50Vdc)
50
MΩ
5
Pressure Overload
3X
Rated
6
Pressure Burst
4X
Rated
7
Operating Temperature
-40
+125
ºC
8
Compensated Temperature Range
-20
+85
ºC
3
Storage Temperature
-50
+125
ºC
8
Weight
9
grams
Media
– Pressure Port
Liquids and Gases compatible with 316/316L Stainless Steel
Notes
1.
Calculated at FSP, 3000psi and 5000psi parts are tested at 2500psi.
2.
Best fit straight line between 0 and FSP.
3.
Over the compensated temperature range with respect to +25°C.
4.
Load resistance to reduce measurement errors due to output loading.
5.
Between case and sensing element.
6.
3X or 20,000psi, whichever is less.
7.
4X or 30,000psi, whichever is less. The maximum pressure that can be applied to a transducer without rupture of either the sensing
element or transducer.
8.
Maximum temperature range for this product with standard cable and connector is -20°C to +105°C.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com