Electronic Components Datasheet Search
  English  ▼

X  

CAP120 Datasheet(PDF) 2 Page - TE Connectivity Ltd

Part # CAP120
Description  Single Pole Hermetically Sealed 150 Amp DC Contactors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

CAP120 Datasheet(HTML) 2 Page - TE Connectivity Ltd

  CAP120 Datasheet HTML 1Page - TE Connectivity Ltd CAP120 Datasheet HTML 2Page - TE Connectivity Ltd CAP120 Datasheet HTML 3Page - TE Connectivity Ltd CAP120 Datasheet HTML 4Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
PAGE 2
AEROSPACE, DEFENSE & MARINE /// KILOVAC CAP120 CONTACTORS
TE Components . . .TE Technology . . . TE Know-how . . .
AMP | Agastat | CII | Hartman | Kilovac | Microdot | Nanonics | Polamco | Raychem | Rochester | DEUTSCH
SEACON Phoenix | L.L. Rowe | Phoenix Optix | AFP | SEACON
Get your product to market faster with a smarter, better solution.
HERMETICALLY SEALED
• Suitable for application in harsh
and explosive environments
• No contact oxidation over periods
of non-use
SPACE AND WEIGHT SAVINGS
• Size reduced version of MAP/CAP
100 Series contactors
VERSATILE
• Bidirectional switching
• Main contacts not polarity sensitive
• Panel mount
• Not position sensitive: mounts in
any orientation
EFFICIENT
• Integrated dual-coil electronic
“cut-throat” economizer
with suppression
APPLICATIONS
• Energy storage systems
• Power distribution
• High-current battery systems
• Lithium ion battery systems
• Solar power
Designed for harsh environments and loads, the new Kilovac CAP120
contactor from TE Connectivity (TE) offers exceptional performance
for a device this small and light. A reduced-size version of our popular
MAP and CAP series contactors, the CAP120 contactor’s small size
and light weight opens up new application possibilities for a 150 A/600
Vdc device.
High break levels—1000 A at 400 Vdc and 600 A at 600 Vdc—help
increase system flexibility and reliability.
CAP120 contactors provide reliable and long-lasting performance
in military ground, military and commercial aerospace, and
marine applications.
PRODUCT DIMENSIONS (inches)
KILOVAC
CAP120 CONTACTORS
Single Pole Hermetically Sealed 150 Amp DC Contactors
1.78
1.50
2.12
1.82
0.70
0.32
COIL WIRES
22 AWG (M22759/11)
15 INCH LENGTH
MOUNTING HARWARE
(NOT SUPPLIED)
M4 BOLT, LOCKWASHER, AND NUT
LOAD TERMINALS
(NOT SUPPLIED)
M5 BOLT, LOCKWASHER, AND NUT
Coil Voltage
Description
Part No.
28 Vdc
CAP120ASANG
2-1618403-6
12 Vdc
CAP120AVANG
2-1618411-9



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com