Electronic Components Datasheet Search
  English  ▼

X  

EB100 Datasheet(PDF) 3 Page - TE Connectivity Ltd

Part # EB100
Description  High Accuracy Miniature Pressure Transducer
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

EB100 Datasheet(HTML) 3 Page - TE Connectivity Ltd

  EB100 Datasheet HTML 1Page - TE Connectivity Ltd EB100 Datasheet HTML 2Page - TE Connectivity Ltd EB100 Datasheet HTML 3Page - TE Connectivity Ltd EB100 Datasheet HTML 4Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
EB100
High Accuracy Miniature Pressure Transducer
SENSOR SOLUTIONS ///EB100_en
08/2016
Page 3
DIMENSIONS
PHYSICAL (table 2)
Model
Pressure port
Length "C"
Hex."D"
O-ring supplied
Installation torque max
N
M5x0.8
6.6 (.26”)
11 (.433")
Ø3.5x1.5 FKM Fluoroelastomer
1 Nm (9 In-Pounds)
V
10-32 UNF-2A
6.6 (.26”)
11 (.433")
Ø3.5x1.5 FKM Fluoroelastomer
1 Nm (9 In-Pounds)
S
M8X1
7.6 (.30”)
11 (.433")
Ø6.07x1.63 FKM Fluoroelastomer
3 Nm (27 In-Pounds)
Q
5/16-24 UNF-2A
7.6 (.30”)
11 (.433")
Ø6.07x1.63 FKM Fluoroelastomer
3 Nm (27 In-Pounds)
P
M10x1
8.2 (.32")
13 (.512")
Ø7.65x1.63 FKM Fluoroelastomer
5 Nm (27 In-Pounds)
X
3/8-24 UNF-2A
8.2 (.32")
13 (.512")
Ø7.65x1.63 FKM Fluoroelastomer
5 Nm (27 In-Pounds)
INSTALLATION & CONNECTION
RECOMMENDED PRESSURE FITTING DESIGN (1)
Thread "A"
Dim. “B”
Dim. “C”
Dim. “D”
M5x0.8(2)
6.35 mm
1.5 mm
0.2 mm
10-32 UNF(2)
0.25”
0.059”
0.008”
M8x1
9.1 mm
1.9 mm
0.3 mm
5/16-24 UNF-2A
0.358”
0.07
4”
0.012”
M10x1
10.7 mm
1.9 mm
0.3 mm
3/8-24 UNF-2A
0.421"
0.07
4”
0.012”
1. Tolerances on dimensions
= ± 0.05 mm (0.002”)
This pressure fitting design is only a recommendation but it stays under customer's responsibility.
2. For model M5x0.8 or 10-32 UNF used with pressure higher than 200 bar (3k psi) it is recommended to replace O-ring by
bonded ring (ref: MSE05417) and to design the pressure fitting without O-ring chamber.
WIRING: SHIELDED CABLE 4 LEADS AWG26
RED
+SUPPLY
GREEN
+OUTPUT
WHITE
-OUTPUT
BLACK
-SUPPLY
The shield is not connected to sensor’s body.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com