Electronic Components Datasheet Search
  English  ▼

X  

KCP Datasheet(PDF) 2 Page - TE Connectivity Ltd

Part # KCP
Description  DC current sensitive relay
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

KCP Datasheet(HTML) 2 Page - TE Connectivity Ltd

  KCP Datasheet HTML 1Page - TE Connectivity Ltd KCP Datasheet HTML 2Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
General Purpose Relays
Industrial Relays
KCP Series Plug-in Relay (Continued)
08-2011, Rev. 0811
www.te.com
© 2011 Tyco Electronics Corporation,
a TE Connectivity Ltd. company
Datasheets and product specification
according to IEC 61810-1 and to be used
only together with the ‘Definitions’ section.
Datasheets and product data is subject to the
terms of the disclaimer and all chapters of
the ‘Definitions’ section, available at
http://relays.te.com/definitions
Datasheets, product data, ‘Definitions’ sec-
tion, application notes and all specifications
are subject to change.
2
Potter & Brumfield
Dimensions
3 Form C
Terminal assignment
1 Form C
2 Form C
Product code structure
Typical product code
KCP
-11
-10000
Type
KCP Enclosed, DC current sensitive relay with octal-type plug for socket mounting
Contact arrangement
5
1 form C (CO)
11 2 form C (CO)
14 3 form C (CO)
Coil Resistance
2500
2,500Ω
5000
5,000Ω
10000
10,000Ω
Product Code
Arrangement
Contact Material
Coil Resistance
Terminals
Part Number
KCP-11-10000
2 form C, 2 CO
Ag
10,000
8-pin Octal-style plug
3-1393100-8
Note: KCP-14 shown. KCP-5 and KCP-11 have 8-pin bases.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com