Electronic Components Datasheet Search
  English  ▼

X  

TH10 Datasheet(PDF) 1 Page - Texas Instruments

Part # TH10
Description  Thermal Cut-out
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TH10 Datasheet(HTML) 1 Page - Texas Instruments

  TH10 Datasheet HTML 1Page - Texas Instruments TH10 Datasheet HTML 2Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
I NNOV A TIVE S OLUTIONS IN S ENSORS AND C ONTROLS
Product Bulletin
TH10
Thermal Cut-out
Texas Instruments has developed
the TH10 temperature cut-out to
respond to the need of increasing
power of heating and personal care
appliances. As a result of this, Texas
Instruments has further established
its leading position in the worldwide
thermal protection market.
Design and operating principles
The TH10 consists of two nickel-
plated supports, held together with
ceramic pins. One support holds the
high performance Klixon™ bimetal
disc, which, in combination with the
sophisticated contact system, pro-
vides superior cycling performance.
For self-hold versions see TH11/21,
they have an identical construction
but resistive material on one ceram-
ic pin. A wide temperature range,
standard 5K tolerance, different
bimetal resistivity, plus optional ter-
minal configurations make the TH10
suitable for a very wide range of
applications.
The operating principle of the TH10
is simple and effective. A current
flows through the resistive Klixon™
bimetal disc. When a fault condition
occurs, the increased ambient tem-
perature causes the bimetal disc to
snap open the contacts. As the
device cools down to a safe temper-
ature again, the contacts will auto-
matically reset.
Applications
The TH10 operates as a sensitive
power cut-out for:
· Hair dryers
· Fan heaters
· Convector heaters
· Transformers
· Hand dryers
and various other applications. With
the TH10 Texas Instruments pro-
vides you with cost-effective protec-
tion while offering superior quality
and reliability.
Key Benefits
• Flexible mounting:
Three terminal configurations available
• Robust design:
The bimetal disc is protected by the
metal support
• Full automated live:
Provides stable setting values
• Low price:
The particular design provides high
competitivity


Similar Part No. - TH10

ManufacturerPart #DatasheetDescription
logo
Extech Instruments Corp...
TH10 EXTECH-TH10 Datasheet
419Kb / 12P
Temperature Datalogger
logo
HOPE Microelectronics C...
TH10 HOPE-TH10 Datasheet
651Kb / 15P
SENSOR
logo
Topstek Inc.
TH10A TOPSTEK-TH10A Datasheet
131Kb / 3P
Topstek Current Transducer
logo
Multicomp Pro
TH10A MULTICOMP-TH10A Datasheet
183Kb / 3P
Current Transducer Hall Effect
06/06/11 V1.1
logo
Topstek Inc.
TH10A-B12 TOPSTEK-TH10A-B12 Datasheet
131Kb / 3P
Topstek Current Transducer
More results

Similar Description - TH10

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
15AM TI-15AM Datasheet
193Kb / 2P
Motor Protector/Thermal Cut-out
logo
List of Unclassifed Man...
B12A12005L310100U253 ETC2-B12A12005L310100U253 Datasheet
1Mb / 4P
Thermal motor protector Temperature limiter Thermal cut-out
SDJ1 ETC2-SDJ1 Datasheet
492Kb / 3P
Thermal Cut-Offs
logo
MERITEK ELECTRONICS COR...
MCT MERITEK-MCT Datasheet
120Kb / 1P
Cement Resistor With Thermal Cut-Off
logo
List of Unclassifed Man...
RCT ETC-RCT Datasheet
529Kb / 1P
THERMAL CUT-OFF RESISTOR
logo
CONEC Elektronische Bau...
15-00625 CONEC-15-00625 Datasheet
404Kb / 2P
RECOMMENDED PANEL CUT-OUT
15-00629X CONEC-15-00629X Datasheet
256Kb / 2P
RECOMMENDED PANEL CUT-OUT
15-00630X CONEC-15-00630X Datasheet
342Kb / 2P
RECOMMENDED PANEL CUT-OUT
logo
List of Unclassifed Man...
2MM ETC2-2MM Datasheet
610Kb / 2P
Motor Protector/Thermal Cut-Out
125295 ETC-125295 Datasheet
1Mb / 12P
Thermal Extrusions Cut to Length
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com