Electronic Components Datasheet Search
  English  ▼

X  

TOSLINK Datasheet(PDF) 18 Page - Toshiba Semiconductor

Part # TOSLINK
Description  Optical Transmission Device
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TOSLINK Datasheet(HTML) 18 Page - Toshiba Semiconductor

Back Button TOSLINK Datasheet HTML 12Page - Toshiba Semiconductor TOSLINK Datasheet HTML 13Page - Toshiba Semiconductor TOSLINK Datasheet HTML 14Page - Toshiba Semiconductor TOSLINK Datasheet HTML 15Page - Toshiba Semiconductor TOSLINK Datasheet HTML 16Page - Toshiba Semiconductor TOSLINK Datasheet HTML 17Page - Toshiba Semiconductor TOSLINK Datasheet HTML 18Page - Toshiba Semiconductor TOSLINK Datasheet HTML 19Page - Toshiba Semiconductor TOSLINK Datasheet HTML 20Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 18 / 20 page
background image
18
Precautions for Use of TOSLINK
(1) Reliability
In an optical module that has been in use for some time, nearly all of the deterioration in characteristics is due to a reduction in
the fiber-output power (Pf). This is due to deterioration over time in the level of optical output of the LED used as the light source.
The drop in the LED's optical output is thought to be caused by crystal flaws in the wafer or stress in the mold resin, although
the detailed causes are not clear.
Although LEDs used for optical communications are generally considered to have an almost infinite lifetime, their optical output
does fall over time.
The life of light-emitting devices is greatly affected by the operating conditions and operating environment as well as by the
lifespan characteristics of the particular device.Toshiba recommends that the user first check a device's lifetime characteristics
before selecting it and setting its operating conditions.
For information on reliability, contact a Toshiba sales office. Regular maintenance, such as a check on the amount of light
emitted is recommended.
In the case of the red LEDs used in the TOTX195 and TODX297, for example, a light-absorbing layer may form on the surface
of the LED as the aluminum in the liquid crystal oxidizes, causing the optical output to fall. Since this tendency is pronounced in
high-humidity environments, it is recommended that products containing red LEDs not be used in such environments. For high-
humidity environments or applications requiring a long lifespan, Toshiba recommends a TOSLINK ceramic-package optical
module.
(2) Soldering
Optical modules use semiconductor devices but are essentially optical components. When soldering, ensure that flux does not
adhere to the light-emitting or light-receiving surfaces.
Take the same care when cleaning off flux after soldering.
Some optical modules include a protective cap. This cap is intended to prevent accidental operation when the module is not in
use. It is not dust- or waterproof. Because the optical module is an optical component, Toshiba does not recommends soldering
methods or post-solder flux cleaning methods in case where flux could affect the module. Toshiba recommends first soldering
without mounting the module, then cleaning the PCB. The module should then be hand-soldered and no subsequent cleaning
should be performed.
If it is not possible to hand-solder the module, one way of avoiding the effect sof flux is to use non-halogen (chlorine-free) flux,
taking care not to leave chlorine or other residue, and omitting the post-solder cleaning. In such cases too, the reliability of the
device must be checked. Be sure to check the reliability of the device.
(3) Noise Resistance
The case for the TOSLINK (simplex) optical receiving module and (duplex) optical transceiver module is made of
conductive plastic.
The case is designed to provide shielding when the reinforced pin at the front of the module is grounded. When the module is
used, this pin should be connected SIGNAL-GND.
Since the case for the optical receiving module and optical transceiver module has a resistance of several tens of ohms,
ensure that the case does not touch the power line or any other circuits.
Generally, the use of optical transmission devices is considered to improve noise resistance.
While optical fibers are certainly not affected by noise, optical modules, particularly receiver modules, are comparatively easily
affected by noise because they handle such minute current signals.
To improve noise resistance, the TOSLINK case is treated to make it conductive. However, since the signal output from the
optical receiving modules photodiode is a minute current signal, in some environments simply shielding the case will not
protect against noise. When using a TOSLINK device, conduct live tests to check noise resistance.
A simple noise filter is mandatory for the power lines for the TOSLINK optical receiving module and optical transceiver module.
However, in the case of significant power supply ripples, further filter reinforcement is also necessary. In addition, when the
optical module is placed in a location susceptible to emission noise, Toshiba recommends covering the optical module and
power supply filter with a metal cover to enhance the shielding.
(4) Protective Cap
When the optical module is not in use, cover it with the protective cap.
Take particular care with the optical receiving module since, depending on the circuit used, extraneous light may be input to the
module when the TOSLINK device is not in use and may adversely affect other circuits.
(5) Vibration, Shock and Stress
Plastic-molded optical modules are plastic-sealed devices whose wires are fixed with resin. While this structure makes them
comparatively resistant to vibration and shock, wire breakage has been observed in equipment in which the module is used
when the soldering and connections are exposed to vibration, shock or stress. Therefore, when using a plastic-molded optical
module in equipment with high vibration levels, ensure that the structure is designed to withstand vibration, shock and stress.
Ceramic-package optical modules are ceramic-sealed, with a hollow interior. Since the wires in the module are not fixed, the
module is susceptible to vibration and shock.
Therefore, when using a ceramic-package optical module in equipment which is subject to high levels of vibration and shock,
ensure that the structure of the equipment is designed to withstand vibration, shock and stress.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com