Electronic Components Datasheet Search
  English  ▼

X  

TSS461 Datasheet(PDF) 13 Page - TEMIC Semiconductors

Part # TSS461
Description  Van Controller Serial Interface
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEMIC [TEMIC Semiconductors]
Direct Link  http://www.temic.de
Logo TEMIC - TEMIC Semiconductors

TSS461 Datasheet(HTML) 13 Page - TEMIC Semiconductors

Back Button TSS461 Datasheet HTML 9Page - TEMIC Semiconductors TSS461 Datasheet HTML 10Page - TEMIC Semiconductors TSS461 Datasheet HTML 11Page - TEMIC Semiconductors TSS461 Datasheet HTML 12Page - TEMIC Semiconductors TSS461 Datasheet HTML 13Page - TEMIC Semiconductors TSS461 Datasheet HTML 14Page - TEMIC Semiconductors TSS461 Datasheet HTML 15Page - TEMIC Semiconductors TSS461 Datasheet HTML 16Page - TEMIC Semiconductors TSS461 Datasheet HTML 17Page - TEMIC Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
Qualpack TSS463 / TSS461C
Rev. 2 – January 1999
13
4.3 Wafer Process Qualification
This section summarizes the global 1998 reliability results of the products manufactured with the same
technology as the VAN TSS463 and TSS461C (Z86 processes).
Wafer
Process
Device Types
Test Description
Step
Result
Comment
Z86
Microcontrollers
and dedicated
EFR Dynamic Life Test
LFR Dynamic Life Test
12h
500h
1000h
3/22888
1/1155
Z86
Z86
Memory, Asic,
TSS463
EFR Dynamic Life Test
LFR Dynamic Life Test
EFR Dynamic Life Test
LFR Dynamic Life Test
12h
500h
1000h
12h
500h
1000h
1/5209
1/685
Estimated
65 ppm
3.9 fit
Z86
TSS461C
EFR Dynamic Life Test
LFR Dynamic Life Test
12h
500h
1000h
Estimated
49 ppm
2.9 fit
Failure mechanisms
All
50%
17%
17%
17%
Poly silicide defect
metal
resistor shift
bonding
Global
All products
EFR Dynamic Life Test
LFR Life Test
12h
500h
1000h
4/28097
2/1840
165 ppm (20mm2)
10 fit (20mm2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com