Electronic Components Datasheet Search
  English  ▼

X  

TSS461C Datasheet(PDF) 16 Page - TEMIC Semiconductors

Part # TSS461C
Description  Van Controller Serial Interface
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEMIC [TEMIC Semiconductors]
Direct Link  http://www.temic.de
Logo TEMIC - TEMIC Semiconductors

TSS461C Datasheet(HTML) 16 Page - TEMIC Semiconductors

Back Button TSS461C Datasheet HTML 12Page - TEMIC Semiconductors TSS461C Datasheet HTML 13Page - TEMIC Semiconductors TSS461C Datasheet HTML 14Page - TEMIC Semiconductors TSS461C Datasheet HTML 15Page - TEMIC Semiconductors TSS461C Datasheet HTML 16Page - TEMIC Semiconductors TSS461C Datasheet HTML 17Page - TEMIC Semiconductors TSS461C Datasheet HTML 18Page - TEMIC Semiconductors TSS461C Datasheet HTML 19Page - TEMIC Semiconductors TSS461C Datasheet HTML 20Page - TEMIC Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 24 page
background image
Qualpack TS80C31X2/C32X2
16
Rev. 2 – January 1999
4.5 Device Qualification
This section presents TSS463 and TSS461C device qualification results, including additional
measurements intending to fulfil Q100 Automotive Standard requirements.
Lot
Number
Device Type Test Description
Step Resul
t
Comment
Z21538F
TSS463
in SO 16
EFR Dynamic Life Test
12h
0/261
LFR Dynamic Life Test
500h
1000h
0/116
0/116
Z21997
TSS463
in SO 16
EFR Dynamic Life Test
12h
48h
0/800
0/304
LFR Dynamic Life Test
500h
1000h
0/45
0/45
(6)
W28184C 29C461B
in SO 24
EFR Dynamic Life Test
12h
0/298
LFR Dynamic Life Test
500h
1000h
0/72
0/72
Z04948C
TSS461C
in SO 24
EFR Dynamic Life Test
12h
0/296
LFR Dynamic Life Test
500h
1000h
0/78
0/78
Global
All products
EFR Dynamic Life Test
12h
0/1655 0 ppm measured
LFR Dynamic Life Test
500h
1000h
0/311
0/311
18 fit measured
Notes:
(6)
Electrical test with Quality program at 25°c, 125°c and -40°c



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com