Electronic Components Datasheet Search
  English  ▼

X  

LM2825 Datasheet(PDF) 6 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM2825
Description  Integrated Power Supply 1A DC-DC Converter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2825 Datasheet(HTML) 6 Page - National Semiconductor (TI)

Back Button LM2825 Datasheet HTML 2Page - National Semiconductor (TI) LM2825 Datasheet HTML 3Page - National Semiconductor (TI) LM2825 Datasheet HTML 4Page - National Semiconductor (TI) LM2825 Datasheet HTML 5Page - National Semiconductor (TI) LM2825 Datasheet HTML 6Page - National Semiconductor (TI) LM2825 Datasheet HTML 7Page - National Semiconductor (TI) LM2825 Datasheet HTML 8Page - National Semiconductor (TI) LM2825 Datasheet HTML 9Page - National Semiconductor (TI) LM2825 Datasheet HTML 10Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
Typical Performance Characteristics (Circuits of Figure 2 and Figure 3) Unless otherwise specified,
VIN = 12V for 3.3V, 5.0V and ADJ versions, VIN = 24V for 12V and H-ADJ versions, ILOAD = 100 mA, TA = 25˚C (Continued)
Soft-start
DS012661-12
Shutdown /Soft-start
Current
DS012661-13
Soft-start Response
DS012661-14
Switch Current
Limit
DS012661-28
Adjust Pin
Bias Current
DS012661-29
Load Transient Response for Continuous Mode
V
IN = 20V, VOUT = 5V, IL = 250 mA to 750 mA
DS012661-23
A: Output Voltage 100 mV/div (AC)
B: 250 mA to 750 mA Load Pulse
Horizontal Time Base: 200 µs/div
Load Transient Response for Discontinuous Mode
V
IN = 20V, VOUT = 5V, IL = 40 mA to 140 mA
DS012661-24
A: Output Voltage 100 mV/div (AC)
B: 40 mA to 140 mA Load Pulse
Horizontal Time Base: 200 µs/div
FIGURE 1. Typical Load Transient Response
www.national.com
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com