Electronic Components Datasheet Search
  English  ▼

X  

PM7345S Datasheet(PDF) 39 Page - PMC-Sierra, Inc

Part # PM7345S
Description  SATURN USER-NETWORK INTERFACE FOR ATM PLESIOCHRONOUS DIGITAL HIERARCHY DATACOM
PDF  306 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7345S Datasheet(HTML) 39 Page - PMC-Sierra, Inc

Back Button PM7345S Datasheet HTML 35Page - PMC-Sierra, Inc PM7345S Datasheet HTML 36Page - PMC-Sierra, Inc PM7345S Datasheet HTML 37Page - PMC-Sierra, Inc PM7345S Datasheet HTML 38Page - PMC-Sierra, Inc PM7345S Datasheet HTML 39Page - PMC-Sierra, Inc PM7345S Datasheet HTML 40Page - PMC-Sierra, Inc PM7345S Datasheet HTML 41Page - PMC-Sierra, Inc PM7345S Datasheet HTML 42Page - PMC-Sierra, Inc PM7345S Datasheet HTML 43Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 306 page
background image
PM7345 S/UNI-PDH
DATA SHEET
PMC-931011
ISSUE 6
SATURN USER-NETWORK INTERFACE
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
25
REOC/
OOF
Tristate
54
56
Receive End of Cell (REOC). REOC is asserted
when the 53rd octet of the 53 octet cell is being
read from the receive FIFO. RSOC is tristatable in
the 100-pin PQFP package when TSEN is logic 1. It
is forced tristate while FRDB is high and the receive
FIFO is not bypassed (when SYFIFOB is logic 1), or
while RRDENB is sampled high by the rising edge
of RFCLK (when SYFIFOB is logic 0). The RSOC
logic value is driven on the pin while FRDB is low
(asynchronous FIFO interface) or while RRDENB is
sampled logic 0 (synchronous interface). REOC is
updated on the rising edge of FRDB or RFCLK.
PLCP Out of Frame (OOF). OOF is asserted while
the PLCP receiver is in an out of frame state. OOF
may be used to indicate the valid/invalid status of
the FRDATA[7:0] octets to a higher layer processing
entity while the receive FIFO is bypassed. OOF is
updated on the falling edge of FRCLK.
The REOC/OOF pin function selection is controlled
by the FIFOBP bit in the S/UNI-PDH Configuration
Register.
FRDATA[7]
FRDATA[6]
FRDATA[5]
FRDATA[4]
FRDATA[3]
FRDATA[2]
FRDATA[1]
FRDATA[0]
Tristate
Tristate
Tristate
Tristate
Tristate
Tristate
Tristate
Tristate
68
67
66
65
59
58
57
56
69
68
67
66
61
60
59
58
Receive FIFO Data (FRDATA[7:0]). FRDATA[7:0]
contains the cell octet that is read from the receive
FIFO. The FRDATA[7:0] bus is tristatable in the 100-
pin PQFP package when TSEN is logic 1.
FRDATA[7:0] is forced tristate while FRDB is high
and the receive FIFO is not bypassed (when
SYFIFOB is logic 1), or while RRDENB is sampled
high by the rising edge of RFCLK (when SYFIFOB
is logic 0). The octet read from the receive FIFO is
driven on the FRDATA[7:0] bus while FRDB is low
(asynchronous FIFO interface) or while RRDENB is
sampled logic 0 (synchronous interface).
FRDATA[7:0] is updated on the falling edge of
FRCLK when the receive FIFO is bypassed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com