Electronic Components Datasheet Search
  English  ▼

X  

2N6342 Datasheet(PDF) 3 Page - Motorola, Inc

Part # 2N6342
Description  TRIACS Silicon Bidirectional Triode Thyristors
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

2N6342 Datasheet(HTML) 3 Page - Motorola, Inc

  2N6342 Datasheet HTML 1Page - Motorola, Inc 2N6342 Datasheet HTML 2Page - Motorola, Inc 2N6342 Datasheet HTML 3Page - Motorola, Inc 2N6342 Datasheet HTML 4Page - Motorola, Inc 2N6342 Datasheet HTML 5Page - Motorola, Inc 2N6342 Datasheet HTML 6Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
2N6342 thru 2N6349
3
Motorola Thyristor Device Data
–20
70
100
50
30
20
2.0
10
7.0
5.0
3.0
1.0
0.7
0.5
0.3
0.2
4.4
4.0
3.6
3.2
2.8
2.4
2.0
1.6
1.2
1.8
1.6
1.4
1.2
1.0
0.8
0.6
–40
3.0
5.0
7.0
10
20
0.4
0.4
0.8
–40
vTM, INSTANTANEOUS ON-STATE VOLTAGE (VOLTS)
25
°C
0.1
TJ = 100°C
TJ, JUNCTION TEMPERATURE (°C)
140
120
100
80
60
40
0
–20
20
–60
QUADRANT 4
3
2
1
50
30
20
10
7.0
5.0
140
120
100
80
60
40
20
0
–20
–40
–60
OFF-STATE VOLTAGE = 12 V
1
TJ, JUNCTION TEMPERATURE (°C)
2.0
MAIN TERMINAL #2
POSITIVE
60
120
TJ, JUNCTION TEMPERATURE (°C)
140
80
100
40
0
20
–60
100
80
60
40
20
NUMBER OF CYCLES
10
7.0
5.0
3.0
2.0
0
1.0
TJ = 100°C
f = 60 Hz
CYCLE
2
4
3
QUADRANT
OFF-STATE VOLTAGE = 12 V
Surge is preceded and followed by rated current
MAIN TERMINAL #1
POSITIVE
FIGURE 3 – TYPICAL GATE TRIGGER VOLTAGE
FIGURE 4 – TYPICAL GATE TRIGGER CURRENT
FIGURE 5 – ON-STATE CHARACTERISTICS
FIGURE 6 – TYPICAL HOLDING CURRENT
FIGURE 7 – MAXIMUM NON-REPETITIVE SURGE CURRENT
QUADRANTS
GATE OPEN



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com