Electronic Components Datasheet Search
  English  ▼

X  

AD628 Datasheet(PDF) 17 Page - Analog Devices

Part # AD628
Description  Precision Dual-Channel, Difference Amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD628 Datasheet(HTML) 17 Page - Analog Devices

Back Button AD628 Datasheet HTML 12Page - Analog Devices AD628 Datasheet HTML 13Page - Analog Devices AD628 Datasheet HTML 14Page - Analog Devices AD628 Datasheet HTML 15Page - Analog Devices AD628 Datasheet HTML 16Page - Analog Devices AD628 Datasheet HTML 17Page - Analog Devices AD628 Datasheet HTML 18Page - Analog Devices AD628 Datasheet HTML 19Page - Analog Devices AD628 Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 17 / 20 page
background image
AD8270
Rev. 0 | Page 17 of 20
The AD8270 Specifications section and Typical Performance
Characteristics section show the performance of the part primarily
when it is in the difference amplifier configuration. To get a good
estimate of the performance of the part in a single-ended
configuration, refer to the difference amplifier configuration
with the corresponding closed-loop gain (see Table 9).
Table 9. Closed-Loop Gain of the Difference Amplifiers
Difference Amplifier Gain
Closed-Loop Gain
0.5
1.5
1
2
2
3
Gain of 1 Configuration
The AD8270 is designed to be stable for loop gains of 1.5 and
greater. Because a typical voltage follower configuration has
a loop gain of 1, it may be unstable. Several stable G = 1 configu-
rations are listed in Table 8.
DIFFERENTIAL OUTPUT
The AD8270 can easily be configured for differential output.
Figure 48 shows the configuration for a G = 1 differential output
amplifier. The OCM node in the figure sets the common-mode
output voltage. Figure 49 shows the configuration for a G = 1
differential output amplifier, where the average of two voltages
sets the common-mode output voltage. For example, this
configuration can be used to set the common mode at 2.5 V,
using just a 5 V reference and GND.
–IN
+IN
–IN
+IN
AD8270
_
+
_
+
10kΩ
10kΩ
10kΩ
10kΩ
10kΩ
10kΩ
10kΩ
10kΩ
10kΩ
10kΩ
20kΩ
20kΩ
20kΩ
20kΩ
5
8
16
15
14
13
6
7
1
2
3
4
11
12
10
9
–OUT
+OUT
OCM
OCM
–OUT
+OUT
–IN
+IN
VOCM
=
V+IN – V–IN = V+OUT – V–OUT
VOCM = V+OUT + V–OUT
Figure 48. Differential Output, G = 1, Common-Mode Output Voltage
Set with Reference Voltage
–IN
+IN
–IN
+IN
AD8270
_
+
_
+
10kΩ
10kΩ
10kΩ
10kΩ
10kΩ
10kΩ
10kΩ
10kΩ
10kΩ
10kΩ
20kΩ
20kΩ
20kΩ
20kΩ
5
8
16
15
14
13
6
7
A
A
1
2
3
4
11
12
10
9
–OUT
+OUT
B
–OUT
+OUT
–IN
+IN
VOCM
=
V+IN – V–IN = V+OUT – V–OUT
V+OUT + V–OUT =
VA + VB
2
VA + VB
2
Figure 49. Differential Output, G = 1, Common-Mode Output Voltage
Set as the Average of Two Voltages
Note that these two configurations are based on the G = 0.5
difference amplifier configurations shown in Figure 42 and
Figure 45. A similar technique can be used to create differential
output with a gain of 2 or 4, using the G = 1 and G = 2 difference
amplifier configurations, respectively.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com