Electronic Components Datasheet Search
  English  ▼

X  

AD8205 Datasheet(PDF) 18 Page - Analog Devices

Part # AD8205
Description  Precision Dual-Channel, Difference Amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8205 Datasheet(HTML) 18 Page - Analog Devices

Back Button AD8205 Datasheet HTML 12Page - Analog Devices AD8205 Datasheet HTML 13Page - Analog Devices AD8205 Datasheet HTML 14Page - Analog Devices AD8205 Datasheet HTML 15Page - Analog Devices AD8205 Datasheet HTML 16Page - Analog Devices AD8205 Datasheet HTML 17Page - Analog Devices AD8205 Datasheet HTML 18Page - Analog Devices AD8205 Datasheet HTML 19Page - Analog Devices AD8205 Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 18 / 20 page
background image
AD8270
Rev. 0 | Page 18 of 20
DRIVING AN ADC
The AD270 high slew rate and drive capability, combined with
its dc accuracy, make it a good ADC driver. The AD8270 can
drive both single-ended and differential input ADCs. Many
converters require the output to be buffered with a small value
resistor combined with a high quality ceramic capacitor. See the
converter data sheet for more details. Figure 51 shows the AD8270
in differential configuration, driving the AD7688 ADC. The
AD8270 divides down the 5 V reference voltage from the ADR435,
so that the common-mode output voltage is 2.5 V, which is
precisely where the AD7688 needs it.
DRIVING CABLING
All cables have a certain capacitance per unit length, which varies
widely with cable type. The capacitive load from the cable may
cause peaking or instability in output response, especially when the
AD8270 is operating in a gain of 0.5.
To reduce the peaking, use a resistor between the AD8270 and the
cable. Because cable capacitance and desired output response vary
widely, this resistor is best determined empirically. A good starting
point is 20 Ω.
AD8270
(DIFF OUT)
AD8270
(SINGLE OUT)
Figure 50. Driving Cabling
10kΩ
10kΩ
10kΩ
20kΩ
20kΩ
20kΩ
20kΩ
10kΩ
10kΩ
10kΩ
10kΩ
10kΩ
10kΩ
10kΩ
0.1µF
5V_REF
AD8270
2
3
4
5
6
7
8
9
10
11
1
15
12
–IN
+IN
–IN
+IN
16
13
+12V –12V
33Ω
2.7nF
COG
33Ω
2.7nF
COG
14
3
4 –IN
+IN
1
REF
AD7688
0.1µF
ADR435
2
4
5
GND
VIN
VOUT
+12V
10µF
5V_REF
NOTE:
POWER SUPPLY DECOUPLING
NOT SHOWN.
Figure 51. Driving an ADC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com