Electronic Components Datasheet Search
  English  ▼

X  

AD629 Datasheet(PDF) 12 Page - Analog Devices

Part # AD629
Description  Precision Dual-Channel, Difference Amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD629 Datasheet(HTML) 12 Page - Analog Devices

Back Button AD629 Datasheet HTML 8Page - Analog Devices AD629 Datasheet HTML 9Page - Analog Devices AD629 Datasheet HTML 10Page - Analog Devices AD629 Datasheet HTML 11Page - Analog Devices AD629 Datasheet HTML 12Page - Analog Devices AD629 Datasheet HTML 13Page - Analog Devices AD629 Datasheet HTML 14Page - Analog Devices AD629 Datasheet HTML 15Page - Analog Devices AD629 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
AD8270
Rev. 0 | Page 12 of 20
210
180
150
120
90
60
30
0
–600
–400
–200
0
200
400
600
VOSI (µV)
N: 1043
MEAN: 4.6
SD: 134.5
0
1
2
345
6
7
8
9
10
TIME (s)
Figure 34. Typical Distribution of Op Amp Voltage Offset
Figure 37. Change in Op Amp Offset Voltage vs. Warm-Up Time
50pA/DIV
1s/DIV
100
80
60
40
20
0
310
315
320
325
330
335
340
IBIAS (nA)
N: 1043
MEAN: 321.6
SD: 6.9
Figure 38. 0.1 Hz to 10 Hz Current Noise of Internal Op Amp
Figure 35. Typical Distribution of Op Amp Bias Current
10
1
0.1
1
10
100
1k
10k
100k
FREQUENCY (Hz)
160
140
120
100
80
60
40
20
0
–9
–6
–3
0
3
6
9
12
IOFFSET (nA)
N: 1043
MEAN: 0.31
SD: 2.59
Figure 39. Current Noise Spectral Density of Internal Op Amp
Figure 36. Typical Distribution of Op Amp Offset Current



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com