Electronic Components Datasheet Search
  English  ▼

X  

PTY002D1C Datasheet(PDF) 3 Page - Sensortechnics GmbH

Part # PTY002D1C
Description  Precision differential pressure transmitters
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSORTECHNICS [Sensortechnics GmbH]
Direct Link  http://www.sensortechnics.com
Logo SENSORTECHNICS - Sensortechnics GmbH

PTY002D1C Datasheet(HTML) 3 Page - Sensortechnics GmbH

  PTY002D1C Datasheet HTML 1Page - Sensortechnics GmbH PTY002D1C Datasheet HTML 2Page - Sensortechnics GmbH PTY002D1C Datasheet HTML 3Page - Sensortechnics GmbH PTY002D1C Datasheet HTML 4Page - Sensortechnics GmbH PTY002D1C Datasheet HTML 5Page - Sensortechnics GmbH  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
BTE5000 / PTE5000 / PTU5000 Series
Precision differential pressure transmitters
3/5
E / 11101 / B
www.first-sensor.com
www.sensortechnics.com
ELECTROMAGNETIC CAPABILITY9
LOAD LIMITATION
4...20 mA output versions
operating
0
200
400
10
20
1000
600
800
Ohm
1200
30
Vsupply
V
range
s
n
o
i
t
i
d
n
o
c
t
s
e
Tn
o
i
r
e
t
i
r
C
e
c
n
e
r
e
f
r
e
t
n
I
y
c
n
e
u
q
e
r
f
o
i
d
a
r
,
d
e
t
a
i
d
a
R
)
I
F
R
(
y
t
i
n
u
m
m
i
d
l
e
i
f
c
i
t
e
n
g
a
m
o
r
t
c
e
l
e
:
3
-
4
-
0
0
0
1
6
N
Ez
H
M
0
0
0
1
o
t
0
8
,
m
/
V
0
1
)
z
H
k
1
(
C
M
A
%
0
8
AO
S
F
%
1
<
/
t
n
e
i
s
n
a
r
t
t
s
a
f
l
a
c
i
r
t
c
e
l
E
)
T
F
E
(
y
t
i
n
u
m
m
i
t
s
r
u
b
:
4
-
4
-
0
0
0
1
6
N
EV
k
2
±
BO
S
F
%
1
<
y
t
i
n
u
m
m
i
e
g
r
a
h
c
s
i
d
c
i
t
a
t
s
o
r
t
c
e
l
E
)
D
S
E
(
t
s
e
t
:
2
-
4
-
0
0
0
1
6
N
Ee
g
r
a
h
c
s
i
d
t
c
a
t
n
o
c
,
V
k
4
±
e
g
r
a
h
c
s
i
d
r
i
a
,
V
k
8
±
BO
S
F
%
1
<
s
e
c
n
a
b
r
u
t
s
i
d
d
e
t
c
u
d
n
o
c
o
t
y
t
i
n
u
m
m
I
s
d
l
e
i
f
y
c
n
e
u
q
e
r
f
-
o
i
d
a
r
y
b
d
e
c
u
d
n
i
:
6
-
4
-
0
0
0
1
6
N
Ez
H
M
0
8
o
t
5
1
.
0
)
z
H
k
1
(
C
M
A
%
0
8
,
V
0
1
AO
S
F
%
1
<
Specification notes:
1.
IP 67 protection for BTE(M)5...A / PTx5...A is given with locked connector only.
2.
Proof pressure is the maximum pressure which may be applied without causing damage to the sensing element.
3.
This is the highest pressure which can be applied to any port at any time. At the same time the differential pressure between
the ports H and L must not exceed the maximum proof pressure.
4.
Non-linearity refers to the Best Straight Line fit measured for offset, full scale span and 1/2 full scale span.
5.
Long term stability is the change in output after one year or 1 million pressure cycles.
6.
Thermal effects tested and guaranteed from 0 - 70 °C relative to 25°. All specifications shown are relative to 25°C.
7.
Full scale span is the algebraic difference between the positive full scale output and zero pressure offset.
8.
Higher pressure applied to port H.
9.
Test are in accordance with EN 61000-6-2.
10. CE-labelling is in accordance with 2004/108/EC.
11. The pressure transmitters must not be used as safety accessories according to article 1, 2.1.3 of the directive 97/23/EC.
12. 0...10 V square rooting output signal on special request.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com