Electronic Components Datasheet Search
  English  ▼

X  

SCQ92M Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # SCQ92M
Description  ??Polyester film/foil capacitor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SCQ92M Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  SCQ92M Datasheet HTML 1Page - List of Unclassifed Manufacturers SCQ92M Datasheet HTML 2Page - List of Unclassifed Manufacturers SCQ92M Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
60
50
100
250
30
63
160
CQ:
0.001
0.001
0.001
–0.47
–0.47
–0.1
SCQ:
0.001
–0.47
±10%, ±5%
–40 ... +85°C
IEC 60068-1, 40/085/21
DIN 40040, GPD
2.5 x U
R VDC for 2s
at +20°C: tan
δ ≤ 0.8% at 1 kHz.
Measured at +20°C, according to IEC 60384-11.
Minimum values between terminals:
30 000 M
Ω
C
≤ 0.33 µF
10 000 M
Ω
C > 0.33 µF
CQ92M, SCQ92M
• Polyester film/foil capacitor
• According to IEC 60384-11
TYPICAL APPLICATIONS
Coupling and decoupling.
CONSTRUCTION
Capacitor with polyester film and metal foil
electrodes. Radial leads of tinned wire are
electrically welded to the electrodes.
Coated with epoxy resin.
TECHNICAL DATA
Rated voltage U
R
, VDC
Rated voltage U
R
, VAC
Capacitance, µF
Capacitance tolerance
Temperature range
Climatic category
Test voltage
Dissipation factor, tan
δδδδδ
Insulation resistance
Lead diameter
SCQ92M:
d = 0.5 mm for C
≤ 0.22 µF and
d = 0.6 mm for C > 0.22 µF
CQ92M:
d = 0.5 mm for C
≤ 0.12 µF and
d = 0.6 mm for C > 0.12 µF
H max
20 min
1.5 max
4.0 max
4.5
± 1.0
∅ d ± 0.05
L max
R
B max
p
± 1.0


Similar Part No. - SCQ92M

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
SCQ-4-1650 MINI-SCQ-4-1650 Datasheet
328Kb / 2P
Power Splitter/Combiner
logo
celduc-relais
SCQ842060 CELDUC-SCQ842060 Datasheet
202Kb / 2P
Quad Power Solid State Relay
SCQ8420X0 CELDUC-SCQ8420X0 Datasheet
147Kb / 2P
Quad Power Solid State Relay
logo
Mini-Circuits
SCQA-4-13 MINI-SCQA-4-13 Datasheet
345Kb / 2P
Power Splitter/Combiner
SCQA-4-162 MINI-SCQA-4-162 Datasheet
350Kb / 2P
Power Splitter/Combiner
More results

Similar Description - SCQ92M

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
WMC08D1K-F ETC2-WMC08D1K-F Datasheet
137Kb / 2P
Polyester Film/Foil Capacitors
logo
Cornell Dubilier Electr...
DLR1D1K-F CDE-DLR1D1K-F Datasheet
183Kb / 1P
Film/Foil Polyester Film Capacitors
WMC08D1K-F CDE-WMC08D1K-F Datasheet
137Kb / 2P
Polyester Film/Foil Capacitors
logo
RFE international
LM472M2A RFE-LM472M2A Datasheet
60Kb / 1P
POLYESTER FILM CAPACITORS LM Series: Radial, Polyester, Film Foil
L104M2A RFE-L104M2A Datasheet
61Kb / 1P
POLYESTER FILM CAPACITORS L Series: Radial, Polyester, Film Foil
logo
Panasonic Semiconductor
ECQ-B1H104JF PANASONIC-ECQ-B1H104JF Datasheet
133Kb / 6P
Polyester Film Capacitor
ECQ-B1H103JF3 PANASONIC-ECQ-B1H103JF3 Datasheet
133Kb / 6P
Polyester Film Capacitor
ECQ-B1H474JF PANASONIC-ECQ-B1H474JF Datasheet
133Kb / 6P
Polyester Film Capacitor
ECQ-B1H103JF PANASONIC-ECQ-B1H103JF Datasheet
133Kb / 6P
Polyester Film Capacitor
ECQ-B1H273JF PANASONIC-ECQ-B1H273JF Datasheet
133Kb / 6P
Polyester Film Capacitor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com