| Electronic Components Datasheet Search |
|
DAQ93P03 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
DAQ93P03 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers |
|
2 / 5 page ![]() DAQ93P03 DAQCHINA INDUSTRIAL AUTOMATION Website: www.daqchina.net Email: daqchina@daqchina.net DAQ93P03 Data Sheet Edition 1.0/03/04 6 channel mechanical and proximity sensor interface circuit l 6 channel direct sensor input l Applicable for 1-10v voltage input l On-chip filters l TTL output. l +5v Power supply l Low power consumption l 40-Pin DIP Description The DAQ93P03 is a 6 channel digital sensor preconditioning circuit to interface external mechanical switches or inductive/conductive proximity switches to TTL circuits. The chip itself consist of internal Schmitt Triggers to shape the external On-Off level input, moreover, RC filter function is also integrated inside the chip to eliminate sharp noises carried by the external sensors. No external filter should be used for DAQ83Q03 since it has integrated digital filter itself, but external filter circuit has to be used for 8253/8254 counters. The filter function can be achieved by connect filter pins to the ground of DAQ93P03. INPUT/OUTPUT DESCRIPTION Vcc(Pin40 +5v) Supply Voltage Positive Terminal GND(Pin20 Ground) Supply Voltage Negative Terminal PIN ASSIGNMENT - TOP VIEW STANDARD 40 PIN PLASTIC DIP IN1(Pin9, Pin32) IN2(Pin11, Pin30) IN3(Pin13, Pin28) IN4(Pin15, Pin24) IN5(Pin17, Pin24) IN6(Pin19, Pin22) These inputs are connected directly to the external sensors or On-Off signals within the range of 1-10volts. OUT1(Pin38) OUT2(Pin36) OUT3(Pin34) OUT4(Pin3) OUT5(Pin5) OUT6(Pin7) These pins are TTL compatible output for counter or |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |