Electronic Components Datasheet Search
  English  ▼

X  

DS75 Datasheet(PDF) 2 Page - Dallas Semiconductor

Part # DS75
Description  Digital Thermometer and Thermostat
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS75 Datasheet(HTML) 2 Page - Dallas Semiconductor

  DS75_08 Datasheet HTML 1Page - Dallas Semiconductor DS75_08 Datasheet HTML 2Page - Dallas Semiconductor DS75_08 Datasheet HTML 3Page - Dallas Semiconductor DS75_08 Datasheet HTML 4Page - Dallas Semiconductor DS75_08 Datasheet HTML 5Page - Dallas Semiconductor DS75_08 Datasheet HTML 6Page - Dallas Semiconductor DS75_08 Datasheet HTML 7Page - Dallas Semiconductor DS75_08 Datasheet HTML 8Page - Dallas Semiconductor DS75_08 Datasheet HTML 9Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
DS75
2 of 14
Table 1. ORDERING INFORMATION
ORDERING
NUMBER
PACKAGE
MARKING
DESCRIPTION
DS75S+
DS75 (see note)
DS75 in Lead-Free 150mil 8-Pin SO
DS75S+T&R
DS75 (see note)
DS75 in Lead-Free 150mil 8-Pin SO, 2500-Piece Tape-and-Reel
DS75U+
DS75 (see note)
DS75 in Lead-Free 8-Pin
μMAX
DS75U+T&R
DS75 (see note)
DS75 in Lead-Free 8-Pin
μMAX, 3000-Piece Tape-and-Reel
DS75S
DS75
DS75 in 150mil 8-Pin SO
DS75S/T&R
DS75
DS75 in 150mil 8-Pin SO, 2500-Piece Tape-and-Reel
DS75U
DS75
DS75 in 8-Pin
μMAX
DS75U/T&R
DS75
DS75 in 8-Pin
μMAX, 3000-Piece Tape-and-Reel
Note: A "+" symbol will also be marked on the package near the Pin 1 indicator
Table 2. DETAILED PIN DESCRIPTION
PIN
SYMBOL
DESCRIPTION
1
SDA
Data input/output pin for 2-wire serial communication port. Open drain.
2
SCL
Clock input pin for 2-wire serial communication port.
3
O.S.
Thermostat output. Open drain.
4
GND
Ground pin.
5
A2
Address input pin.
6
A1
Address input pin.
7
A0
Address input pin.
8
VDD
Supply Voltage. +2.7V to +5.5V supply pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com