Electronic Components Datasheet Search
  English  ▼

X  

DS1553 Datasheet(PDF) 2 Page - Dallas Semiconductor

Part # DS1553
Description  64kB, Nonvolatile, Year-2000-Compliant Timekeeping RAM
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1553 Datasheet(HTML) 2 Page - Dallas Semiconductor

  DS1553 Datasheet HTML 1Page - Dallas Semiconductor DS1553 Datasheet HTML 2Page - Dallas Semiconductor DS1553 Datasheet HTML 3Page - Dallas Semiconductor DS1553 Datasheet HTML 4Page - Dallas Semiconductor DS1553 Datasheet HTML 5Page - Dallas Semiconductor DS1553 Datasheet HTML 6Page - Dallas Semiconductor DS1553 Datasheet HTML 7Page - Dallas Semiconductor DS1553 Datasheet HTML 8Page - Dallas Semiconductor DS1553 Datasheet HTML 9Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
DS1553 64kB, Nonvolatile, Year-2000-Compliant Timekeeping RAM
2 of 19
PIN DESCRIPTION
A0–A12
- Address Input
DQ0–DQ7
- Data Input/Outputs
IRQ
/FT
- Interrupt, Frequency Test Output
(Open Drain)
RST
- Power-On Reset Output (Open Drain)
CE
- Chip Enable
OE
- Output Enable
WE
- Write Enable
VCC
- Power-Supply Input
GND
- Ground
N.C.
- No Connection
DETAILED DESCRIPTION
The RTC registers in the DS1553 are double-buffered into an internal and external set. The user has direct
access to the external set. Clock/calendar updates to the external set of registers can be disabled and
enabled to allow the user to access static data. Assuming the internal oscillator is turned on, the internal
set of registers is continuously updated. This occurs regardless of external registers settings to guarantee
that accurate RTC information is always maintained.
The DS1553 has interrupt ( IRQ /FT) and reset ( RST ) outputs that can be used to control CPU activity.
The IRQ /FT interrupt output can be used to generate an external interrupt when the RTC register values
match user-programmed alarm values. The interrupt is always available while the device is powered from
the system supply, and it can be programmed to occur when in the battery-backed state to serve as a
system wakeup. Either the IRQ /FT or RST outputs can also be used as a CPU watchdog timer. CPU
activity is monitored and an interrupt or reset output is activated if the correct activity is not detected
within programmed limits. The DS1553 power-on reset can be used to detect a system power-down or
failure and can hold the CPU in a safe reset state until normal power returns and stabilizes. The RST
output is used for this function.
The DS1553 also contains its own power-fail circuitry, which automatically deselects the device when the
VCC supply enters an out-of-tolerance condition. This feature provides a high degree of data security
during unpredictable system operation brought on by low VCC levels.
PACKAGES
The DS1553 is available in a 28-pin DIP and a 34-pin PowerCap module. The 28-pin DIP module
integrates the crystal, lithium energy source, and silicon in one package. The 34-pin PowerCap module
board is designed with contacts for connection to a separate PowerCap (DS9034PCX) that contains the
crystal and battery. This design allows the PowerCap to be mounted on top of the DS1553P after
completion of the surface-mount process. Mounting the PowerCap after the surface-mount process
prevents damage to the crystal and battery due to the high temperatures required for solder reflow. The
PowerCap is keyed to prevent reverse insertion. The PowerCap module board and PowerCap are ordered
separately and shipped in separate containers. The part number for the PowerCap is DS9034PCX.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com