Electronic Components Datasheet Search
  English  ▼

X  

ES64 Datasheet(PDF) 1 Page - Ecliptek Corporation

Part # ES64
Description  Temperature Compensated Crystal
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ECLIPTEK [Ecliptek Corporation]
Direct Link  http://www.ecliptek.com
Logo ECLIPTEK - Ecliptek Corporation

ES64 Datasheet(HTML) 1 Page - Ecliptek Corporation

  ES64 Datasheet HTML 1Page - Ecliptek Corporation ES64 Datasheet HTML 2Page - Ecliptek Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MANUFACTURER
CATEGORY
SERIES
PACKAGE
VOLTAGE
CLASS
REV
.DATE
ES64 Series
• Temperature Compensated Crystal
Oscillator (TCXO)
• Sinewave Output
• 5.0V or 3.0V Supply Voltage
• Four pad surface mount
• Stability to 1.5ppm
• Internal and or external voltage
control option available
ECLIPTEK CORP.
OSCILLATOR
ES64
METAL
3.0V or 5.0V
OS37
06/00
H
1.85
L 11.5
W
9.6
OSCILLATOR
ES64
NOTES
__________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________
_________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________
_________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________
_________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________________
ELECTRICAL SPECIFICATIONS
10.000MHz to 22.000MHz (Standard Frequencies:
12.800MHz, 13.000MHz, and 14.400MHz)
-30°C to 85°C
See Table 1
5.0V
DC ±5% or 3.0VDC ±5%
10kOhms // 10pF
2.0mA Maximum
±1ppm / Year Maximum
±3ppm Minimum
±8ppm Minimum
±5ppm Minimum (Control Voltage);
±3ppm Minimum (Internal Trim)
1.0Vp-p Clipped Sinewave Minimum
0.7Vp-p Clipped Sinewave Minimum
See Table 1
±0.5ppm Maximum w/ Internal Trim Only,
±0.5ppm Maximum w/ Internal and External Trim,
±2ppm Maximum w/ External Trim Only
±0.3ppm Maximum
±0.3ppm Maximum
2.5V
DC ±2.0VDC w/5.0VDC Supply Voltage;
1.5V
DC ±1.0VDC w/3.0VDC Supply Voltage,
Positive Transfer Characteristic
2.5V
DC ±2.0VDC w/5.0VDC Supply Voltage;
1.5V
DC ±1.0VDC w/3.0VDC Supply Voltage,
Positive Transfer Characteristic
w/5.0V
DC ±5% Supply Voltage
w/3.0V
DC ±5% Supply Voltage
vs. Operating Temperature Range
vs. Frequency Tolerance (25°C ±2°C)
vs. Input Voltage (±5%)
vs. Load (±1k
Ω//±1pF)
Frequency Range
Storage Temperature Range
Operating Temperature Range
Supply Voltage (V
DD)
Load Drive Capability
Input Current
Aging (at 25ºC)
Frequency Deviation Options
Internal Trim Only (Top of Can)
External Trim Only (Voltage Control)
External Trim and Internal Trim
Output Voltage
Frequency Stability
800-ECLIPTEK www.ecliptek.com for latest revision
130
Specifications subject to change without notice.


Similar Part No. - ES64

ManufacturerPart #DatasheetDescription
logo
ESS Technology,Inc
ES6425 ESS-ES6425 Datasheet
143Kb / 8P
Digital Media Processor 2 Product Brief
ES6425FDF ESS-ES6425FDF Datasheet
143Kb / 8P
Digital Media Processor 2 Product Brief
ES6425FF ESS-ES6425FF Datasheet
143Kb / 8P
Digital Media Processor 2 Product Brief
ES6430 ESS-ES6430 Datasheet
84Kb / 6P
Digital Media Processor Product Brief
ES6430FAA ESS-ES6430FAA Datasheet
84Kb / 6P
Digital Media Processor Product Brief
More results

Similar Description - ES64

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ZC503 ETC1-ZC503 Datasheet
2Mb / 4P
TEMPERATURE COMPENSATED CRYSTAL OSCILLATOR
CSX-532T ETC1-CSX-532T Datasheet
110Kb / 1P
Temperature Compensated Crystal Oscillator
logo
Advanced XTAL Products
AXLE3225 AXTAL-AXLE3225 Datasheet
246Kb / 1P
Temperature Compensated Crystal Oscillator
AXLE7050 AXTAL-AXLE7050 Datasheet
265Kb / 1P
Temperature Compensated Crystal Oscillator
logo
Vectron International, ...
6661 VECTRON-6661 Datasheet
529Kb / 5P
Temperature Compensated Crystal
TX-400 VECTRON-TX-400_10 Datasheet
363Kb / 5P
Temperature Compensated Crystal Oscillator
TX-550 VECTRON-TX-550 Datasheet
435Kb / 6P
Temperature Compensated Crystal Oscillator
VT-822 VECTRON-VT-822 Datasheet
204Kb / 5P
Temperature Compensated Crystal Oscillator
VT-840 VECTRON-VT-840 Datasheet
247Kb / 5P
Temperature Compensated Crystal Oscillator, Voltage Controlled Temperature Compensated Crystal Oscillator
logo
Vanlong Technology Co.,...
TO520 VANLONG-TO520_13 Datasheet
45Kb / 1P
Temperature Compensated Crystal Oscillator
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com