Electronic Components Datasheet Search
  English  ▼

X  

LCMC Datasheet(PDF) 12 Page - AVX Corporation

Part # LCMC
Description  Multi-Layer Ceramic Chip Inductors LCMC Series
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

LCMC Datasheet(HTML) 12 Page - AVX Corporation

Back Button LCMC Datasheet HTML 5Page - AVX Corporation LCMC Datasheet HTML 6Page - AVX Corporation LCMC Datasheet HTML 7Page - AVX Corporation LCMC Datasheet HTML 8Page - AVX Corporation LCMC Datasheet HTML 9Page - AVX Corporation LCMC Datasheet HTML 10Page - AVX Corporation LCMC Datasheet HTML 11Page - AVX Corporation LCMC Datasheet HTML 12Page - AVX Corporation LCMC Datasheet HTML 13Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 12 / 13 page
background image
19
Multi-Layer High Frequency
Ceramic Chip Inductors
LCMC Series
165° to 180°
Peeling Force
Top Tape
Base Tape
PACKAGING SPECIFICATIONS
Paper tape specification (0201/0402/0603)
Product Size Code
Symbol
0201
0402
0603
Size
Tolerance
Size
Tolerance
Size
Tolerance
A
0.38 (0.015)
± 0.02 (0.001)
0.62 (0.024)
± 0.03 (0.001)
0.975 (0.038)
± 0.05 (0.002)
B
0.68 (0.027)
± 0.02 (0.001)
1.12 (0.044)
± 0.03 (0.001)
1.80 (0.071)
± 0.05 (0.002)
F
3.50 (0.138)
± 0.05 (0.002)
3.50 (0.138)
± 0.05 (0.002)
3.50 (0.138)
± 0.05 (0.002)
P
2.00 (0.079)
± 0.10 (0.004)
2.00 (0.079)
± 0.10 (0.004)
4.00 (0.157)
± 0.10 (0.004)
W
8.00 (0.315)
± 0.20 (0.008)
8.00 (0.315)
± 0.20 (0.008)
8.00 (0.315)
± 0.20 (0.008)
Tape Width
G
T max.
D
8.00 (0.315)
10.0 ± 1.5 (0.394 ± 0.059)
14.5 (0.571)
180 (7.087)
mm (inches)
Reel Specifications
Cardboard
1.10 (0.043)
Max.
1.5 +0.1-0.0
(0.059 +0.004-0.000)
Top Tape
4.0±0.1
(0.157±0.004)
2.0±0.05
(0.079±0.002)
1.75±0.05
(0.069±0.002)
10 Pitches
Cumulative
Tolerence on Tape ±0.2
(±0.008)
P
F
W
A
B
21±0.80
(0.827±0.031)
2.0 (0.079)
13±0.5 (0.512±0.020)
50 Min (1.969 Min)
FULL RADIUS
D
T
G
Peel strength of top cover tape
The peel speed shall be about 300 mm/min.
The peel strength of top cover tape shall be between 0.1 to 1.0N.
mm (inches)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com