Electronic Components Datasheet Search
  English  ▼

X  

PIC16C433 Datasheet(PDF) 91 Page - Microchip Technology

Part # PIC16C433
Description  8-Bit CMOS Microcontroller with LIN Transceiver
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16C433 Datasheet(HTML) 91 Page - Microchip Technology

Back Button PIC16C433 Datasheet HTML 87Page - Microchip Technology PIC16C433 Datasheet HTML 88Page - Microchip Technology PIC16C433 Datasheet HTML 89Page - Microchip Technology PIC16C433 Datasheet HTML 90Page - Microchip Technology PIC16C433 Datasheet HTML 91Page - Microchip Technology PIC16C433 Datasheet HTML 92Page - Microchip Technology PIC16C433 Datasheet HTML 93Page - Microchip Technology PIC16C433 Datasheet HTML 94Page - Microchip Technology PIC16C433 Datasheet HTML 95Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 126 page
background image
 2002 Microchip Technology Inc.
Preliminary
DS41139B-page 89
PIC16C433
12.1
DC Characteristics
PIC16C433 (Industrial, Extended)
DC Characteristics
Standard Operating Conditions (unless otherwise specified)
Operating Temperature
-40°C
≤ TA ≤ +85°C
for industrial
-40°C
≤ TA ≤ +125°C for extended
Parm
No.
Sym
Characteristic
Min
Typ†
Max
Units
Conditions
D001
V
DD
Supply Voltage
4.5
5.5
V
D001A
V
BAT
Operating Battery Voltage
8.0
13.8
18
V
D002
V
DR
RAM Data Retention
Voltage (Note 1)
1.5*
V
Device in SLEEP mode
D003
V
POR
V
DD Start Voltage to ensure
Power-on Reset
V
SS
V
See Section 9.4 for details
D004
S
VDD
V
DD Rise Rate to ensure
Power-on Reset
0.05*
V/ms
See Section 9.4 for details
D010
D010C
D010A
I
DD
Supply Current (Note 2)
—
—
—
—
1.2
1.2
2.2
—
3.5
3.5
9
—
mA
mA
mA
—
F
OSC = 4 MHz, VDD = 4.5V
XT and EXTRC mode (Note 3)
F
OSC = 4 MHz, VDD = 4.5V
INTRC mode (Note 5)
F
OSC = 10 MHz, VDD = 5.5V
HS mode
D020
D021
D021B
I
PD
Power-down Current (Note 4)
—
—
—
—
0.25
2
0.8
3
7
14
9
16
µA
µA
µA
µA
V
DD = 4.5V, Industrial, WDT disabled
V
DD = 4.5V, Extended, WDT disabled
V
DD = 5.5V, Industrial, WDT disabled
V
DD = 5.5V, Extended, WDT disabled
D022
∆IWDT Watchdog Timer Current
—
—
—
2.2
2.2
4
5
6
11
µA
µA
µA
V
DD = 4.5V, Commercial
V
DD = 4.5V, Industrial
V
DD = 4.5V, Extended
*
These parameters are characterized but not tested.
†
Data in Typical (“Typ”) column is based on characterization results at 25
°C unless otherwise stated.
These parameters are for design guidance only and are not tested.
Note 1: This is the limit to which V
DD can be lowered in SLEEP mode without losing RAM data.
2: The supply current is mainly a function of the operating voltage and frequency. Other factors such as bus
loading, oscillator type, bus rate, internal code execution pattern and temperature, also have an impact on the current
consumption.
a)
The test conditions for all I
DD measurements in active Operation mode are:
OSC1 = external square wave, from rail-to-rail; all I/O pins tri-stated, pulled to V
SS, T0CKI = VDD,
MCLR = V
DD; WDT disabled.
b)
For standby current measurements, the conditions are the same, except that the device is in
SLEEP mode.
c)
IDD values include LIN bus transceiver current as defined by D313 in Table 12-1.
3: For EXTRC osc configuration, current through R
EXT is not included. The current through the resistor can be estimated
by the formula:
Ir = V
DD/2REXT (mA) with REXT in kOhm.
4: The power-down current in SLEEP mode does not depend on the oscillator type. Power-down current is
measured with the part in SLEEP mode, with all I/O pins in hi-impedance state and tied to V
DD or VSS. However, The
LIN Bus transceiver will still draw current. Please refer to Table 12-1.
5: INTRC calibration value is for 4 MHz nominal at 5V, 25°C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com