Electronic Components Datasheet Search
  English  ▼

X  

SAMG53G Datasheet(PDF) 14 Page - ATMEL Corporation

Part # SAMG53G
Description  SMART ARM-based Flash MCU
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

SAMG53G Datasheet(HTML) 14 Page - ATMEL Corporation

Back Button SAMG53G Datasheet HTML 7Page - ATMEL Corporation SAMG53G Datasheet HTML 8Page - ATMEL Corporation SAMG53G Datasheet HTML 9Page - ATMEL Corporation SAMG53G Datasheet HTML 10Page - ATMEL Corporation SAMG53G Datasheet HTML 11Page - ATMEL Corporation SAMG53G Datasheet HTML 12Page - ATMEL Corporation SAMG53G Datasheet HTML 13Page - ATMEL Corporation SAMG53G Datasheet HTML 14Page - ATMEL Corporation SAMG53G Datasheet HTML 15Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 14 / 15 page
background image
SAM G53G / SAM G53N [SUMMARY DATASHEET]
Atmel-11240DS-ATARM-SAM-G53G-SAM-G53N-Summary-Datasheet_17-Oct-14
14
7.
Revision History
Table 7-1.
SAM G53 Datasheet Rev. 11240DS Revision History
Doc. Rev.
11240DS
Changes
17-Oct-14
Updated document title on first page
Modified operating range minimum value from 1.7V to 1.62V.
“Description”
Added information about low-power modes and Event System.
“Features”
Added “on UART and TWI” to “Asynchronous partial wake-up (SleepWalking™)” in “Low power modes (typical value)”
Corrected 4th line under “Peripherals” to read “Two UARTs” (was “Two two-wire UARTs”)
Section 2. “Block Diagram”
Updated Figure 2-1 “SAM G53 Block Diagram”
Section 6. “Ordering Information”
Table 6-1, “Ordering Codes for SAM G53 Devices,”: added ordering codes SAMG53G19B-UUT and SAMG53N19B-AU.
Removed SAMG53N19A-AUT
Table 7-2.
SAM G53 Datasheet Rev. 11240CS Revision History
Doc. Rev.
11240CS
Changes
04-Jun-14
Updated document title on first page
Minor formatting changes throughout
Section 6. “Ordering Information”
Table 6-1, “Ordering Codes for SAM G53 Devices,”: added prefix ‘AT’ to ordering codes; deleted “(Kbytes)” from
“Package” column header; added “Carrier Type” column
Table 7-3.
SAM G53 Datasheet Rev. 11240BS Revision History
Doc. Rev.
11240Bs
Changes
06-May-14
Operating voltage range changed to 1.70V to 3.6V throughout.
Figure 2-1 “SAM G53 Block Diagram”: added VDDIO on ADC.
Table 4-3, “SAM G53N19 100-pin LQFP Pinout,”: corrected pin 92 to NC.
Figure 5-1 “49-lead WLCSP Package Mechanical Drawing”: changed values for backside coating and for min of
Total Thickness.
Table 7-4.
SAM G53 Datasheet Rev. 11240As Revision History
Doc. Rev.
11240AS
Changes
14-Jan-14
First issue



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com