Electronic Components Datasheet Search
  English  ▼

X  

KCZ Datasheet(PDF) 5 Page - Cooper Bussmann, Inc.

Part # KCZ
Description  250V and 600V cable limiters
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

KCZ Datasheet(HTML) 5 Page - Cooper Bussmann, Inc.

  KCZ Datasheet HTML 1Page - Cooper Bussmann, Inc. KCZ Datasheet HTML 2Page - Cooper Bussmann, Inc. KCZ Datasheet HTML 3Page - Cooper Bussmann, Inc. KCZ Datasheet HTML 4Page - Cooper Bussmann, Inc. KCZ Datasheet HTML 5Page - Cooper Bussmann, Inc. KCZ Datasheet HTML 6Page - Cooper Bussmann, Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
5
Technical Data 1042
Effective December 2015
Cable limiters
Eaton.com/bussmannseries
Catalog
symbol
Copper
cable size
A
B
C
D
E
F
G
KEX
4/0AWG
2.5 (63.5)
3.63 (92.1)
1.75 (44.5)
1.44 (36.5)
0.69 (17.5)
0.55 (13.9)
0.5 (12.7)
KFH-A
250kcmil
2.5 (63.5)
3.63 (92.1)
1.88 (47.6)
1.44 (36.5)
0.75 (19.0)
0.28 (15.1)
0.56 (14.3)
KQO
350kcmil
2.5 (63.5)
3.63 (92.1)
2.0 (50.8)
1.63 (41.3)
0.88 (22.2)
0.70 (17.8)
0.81 (20.6)
KDT
500kcmil
2.5 (63.5)
3.08 (78.2)
2.88 (73.0)
1.88 (47.6)
1.06 (27.0)
0.83 (21.0)
0.81 (20.6)
Catalog
symbol
Copper
cable size
Aluminum
cable size
A
B
C
D
E
F
KPF
4/0AWG
4/0AWG
3.38 (85.7)
3.63 (92.1)
1.44 (36.5)
1.125 (28.6)
1.125 (28.6)
0.97 (24.6)
KFT
250kcmil
250kcmil
3.38 (85.7)
3.63 (92.1)
1.44 (36.5)
1.125 (28.6)
1.125 (28.6)
0.97 (24.6)
KEW
350kcmil
350kcmil
3.38 (85.7)
3.63 (92.1)
1.63 (41.3)
1.125 (28.6)
1.125 (28.6)
1.06 (27.0)
KDP*
500kcmil
500kcmil
3.38 (85.7)
3.08 (78.2)
1.88 (47.6)
1.5 (38.1)
1.63 (41.3)
1.19 (30.2)
KFM*
750kcmil
750kcmil
3.50 (88.9)
3.75 (95.3)
2.50 (63.5)
2.0 (50.8)
2.00 (50.8)
1.50 (38.1)
* UL Listed for copper only, File E90818, 600Vac, 200kA A.I.R.
Terminals:
•
Compression rod-to-tube — copper conductor only
Dimensions - in (mm)
Terminals:
•
Center bolt-to-offset bolt — copper or aluminum conductors
Dimensions - in (mm)
G
D
F
E
C
B
A
C
A
F
B
A
0.25"
(6.4mm)
D
0.25"
(6.4mm)
1.63"
(41.3mm)
0.56"
(14.3mm)
0.56"
(14.3mm)
0.125"
(3.18mm)
Bolt
terminal
detail
E



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com