Electronic Components Datasheet Search
  English  ▼

X  

LM2794TL Datasheet(PDF) 14 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM2794TL
Description  Current Regulated Switched Capacitor LED Supply with Analog and PWM Brightness Control
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2794TL Datasheet(HTML) 14 Page - National Semiconductor (TI)

Back Button LM2794TL Datasheet HTML 8Page - National Semiconductor (TI) LM2794TL Datasheet HTML 9Page - National Semiconductor (TI) LM2794TL Datasheet HTML 10Page - National Semiconductor (TI) LM2794TL Datasheet HTML 11Page - National Semiconductor (TI) LM2794TL Datasheet HTML 12Page - National Semiconductor (TI) LM2794TL Datasheet HTML 13Page - National Semiconductor (TI) LM2794TL Datasheet HTML 14Page - National Semiconductor (TI) LM2794TL Datasheet HTML 15Page - National Semiconductor (TI) LM2794TL Datasheet HTML 16Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
Application Information (Continued)
E=(P
LED ÷PIN)
Efficiency, as defined here, is in part dependent on LED
voltage. Variation in LED voltage does not affect power
consumed by the circuit and typically does not relate to the
brightness of the LED. For an advanced analysis, it is rec-
ommended that power consumed by the circuit (V
IN xIIN)be
evaluated rather than power efficiency. Figure 7 shows the
power consumption of the LM2794/5 Typical Application Cir-
cuit.
POWER DISSIPATION
The power dissipation (P
DISSIPATION) and junction tempera-
ture (T
J) can be approximated with the equations below. PIN
is the power generated by the 1.5x charge pump, P
LED is the
power consumed by the LEDs, P
POUT is the power provided
through the P
OUT pin, TAis the ambient temperature, and
θ
JA
is the junction-to-ambient thermal resistance for the micro
SMD-14 package. V
IN is the input voltage to the LM2794/5,
V
DX is the LED forward voltage, IDX is the programmed LED
current, and I
POUT is the current drawn through POUT.
P
DISSIPATION =PIN -PLED −PPOUT
= [1.5xV
INx(4IDX +IPOUT)]−(VDXx4IDX) − (1.5xVINxIPOUT)
T
J =TA +(PDISSIPATION x
θ
JA)
The junction temperature rating takes precedence over the
ambient temperature rating. The LM2794/5 may be operated
outside the ambient temperature rating, so long as the junc-
tion temperature of the device does not exceed the maxi-
mum operating rating of 100˚C. The maximum ambient tem-
perature rating must be derated in applications where high
power dissipation and/or poor thermal resistance causes the
junction temperature to exceed 100˚C.
MICRO SMD MOUNTING
The LM2794/5 is a 14-bump micro SMD with a bump size of
300 micron diameter. The micro SMD package requires
specific mounting techniques detailed in National Semicon-
ductor Application Note (AN -1112). NSMD (non-solder mask
defined) layout pattern is recommended over the SMD (sol-
der mask defined) since the NSMD requires larger solder
mask openings over the pad size as opposed to the SMD.
This reduces stress on the PCB and prevents possible
cracking at the solder joint. For best results during assembly,
alignment ordinals on the PC board should be used to
facilitate placement of the micro SMD device. Micro SMD is
a wafer level chip size package, which means the dimen-
sions of the package are equal to the die size. As such, the
micro SMD package lacks the plastic encapsulation charac-
teristics of the larger devices and is sensitive to direct expo-
sure to light sources such as infrared, halogen, and sun light.
The wavelengths of these light sources may cause unpre-
dictable operation.
20028537
FIGURE 6. Efficiency vs V
IN
4 LEDs, V
LED = 3.6V, ILED = 15mA
20028538
FIGURE 7. P
IN vs VIN
4 LEDs, 2.5
≤ V
DX
≤ 3.9V, I
DX = 15mA
www.national.com
14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com