Electronic Components Datasheet Search
  English  ▼

X  

SPOD320LR Datasheet(PDF) 1 Page - Cooper Bussmann, Inc.

Part # SPOD320LR
Description  Standard and Universal Surge Protective Device Modules
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

SPOD320LR Datasheet(HTML) 1 Page - Cooper Bussmann, Inc.

  SPOD320LR Datasheet HTML 1Page - Cooper Bussmann, Inc. SPOD320LR Datasheet HTML 2Page - Cooper Bussmann, Inc. SPOD320LR Datasheet HTML 3Page - Cooper Bussmann, Inc. SPOD320LR Datasheet HTML 4Page - Cooper Bussmann, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Description
Bussmann Standard and Universal
SurgePOD modules are PCB-mountable for
original equipment applications.
Universal modules are primarily
differentiated from the Standard modules
by having consistent terminal spacing
dimensions on all Maximum Continuous
Operating Voltage (MCOV) ratings.
This consistent terminal spacing eliminates
the need for OEMs to maintain multiple
PCB designs.
Standard modules have two available
terminal lengths and spacing dimensions
vary by MCOV rating (see Standard module
dimensions for details).
When a surge condition exceeds either the
Standard or Universal SPD module’s MCOV, the
patented Metal Oxide Varistor (MOV) technology
becomes conductive to safely shunt the surge to
ground.
The same MOV technology also eliminates the
need for additional fusing in UL applications by
safely disconnecting the SPD module upon
reaching an overvoltage breakdown condition.
All Standard or Universal SPD modules are UL
Recognized 1449 3rd Edition for installation in Type
1 or Type 2 surge protective devices.
Optional remote contact signaling is accomplished
with a Normally Open (NO) microswitch that
closes upon the module reaching an overvoltage
breakdown condition.
Optional local visual indication is accomplished
with indicating tabs that protrude through the
device’s top upon the module reaching an
overvoltage breakdown condition.
2 color spot version
Black + PMS 300
Process color version
Black + 100C 44M
One color version
Black
Reversed color version
White
SurgePODTM
Standard and Universal Surge Protective Device Modules
Technical Data 1170
Effective March 2015
Supersedes April 2014
Universal Modules Shown


Similar Part No. - SPOD320LR

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SPOD80A ETC2-SPOD80A Datasheet
1Mb / 17P
80-Channels Dot Matrix Column/Row OLED Driver
SPOD80A-NNNNV-C ETC2-SPOD80A-NNNNV-C Datasheet
1Mb / 17P
80-Channels Dot Matrix Column/Row OLED Driver
More results

Similar Description - SPOD320LR

ManufacturerPart #DatasheetDescription
logo
Lite-On Technology Corp...
TC0640H LITEON-TC0640H Datasheet
46Kb / 4P
SURFACE MOUNT THYRISTOR SURGE PROTECTIVE DEVICE
TB0640H LITEON-TB0640H Datasheet
46Kb / 4P
SURFACE MOUNT THYRISTOR SURGE PROTECTIVE DEVICE
TB0640L LITEON-TB0640L Datasheet
47Kb / 4P
SURFACE MOUNT THYRISTOR SURGE PROTECTIVE DEVICE
TB0640M LITEON-TB0640M Datasheet
47Kb / 4P
SURFACE MOUNT THYRISTOR SURGE PROTECTIVE DEVICE
logo
Okaya Electric America,...
R26-900-BGL OKAYA-R26-900-BGL Datasheet
626Kb / 2P
SPD (Surge Protective Device)
logo
Diodes Incorporated
TB0640L DIODES-TB0640L_10 Datasheet
114Kb / 5P
30A BIDIRECTIONAL SURFACE MOUNT THYRISTOR SURGE PROTECTIVE DEVICE
DS30359 Rev. 8 - 2
logo
Bourns Electronic Solut...
1320 BOURNS-1320 Datasheet
259Kb / 2P
DC Power Surge Protective Device
1250-1S-120 BOURNS-1250-1S-120 Datasheet
379Kb / 3P
General Duty AC Surge Protective Device
1250-XS-120 BOURNS-1250-XS-120 Datasheet
389Kb / 3P
General Duty AC Surge Protective Device
logo
Eaton All Rights Reserv...
BSPD48RJ45 EATON-BSPD48RJ45 Datasheet
1Mb / 2P
Universal RJ45 data signal surge protective device for ethernet cable systems
August 2018
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com