Electronic Components Datasheet Search
  English  ▼

X  

SPOD150ST Datasheet(PDF) 2 Page - Cooper Bussmann, Inc.

Part # SPOD150ST
Description  Standard and Universal Surge Protective Device Modules
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

SPOD150ST Datasheet(HTML) 2 Page - Cooper Bussmann, Inc.

  SPOD150ST Datasheet HTML 1Page - Cooper Bussmann, Inc. SPOD150ST Datasheet HTML 2Page - Cooper Bussmann, Inc. SPOD150ST Datasheet HTML 3Page - Cooper Bussmann, Inc. SPOD150ST Datasheet HTML 4Page - Cooper Bussmann, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
www.cooperbussmann.com/surge
2
Technical Data 1170
Effective March 2015
Bussmann SurgePOD
Standard and Universal Modules
Specifications for SurgePOD Standard and Universal Modules
Color Code
Blue
Green
Yellow
Red
Brown
Maximum Continuous Operating Voltage MCOV (V
rms)
150V
270V
320V
420V
550V
Nominal system voltage @ 50/60Hz (V
rms)
120V
220V
277V
347V
480V
Nominal discharge current rating 8/20µs (I
n)
20kA
20kA
20kA
20kA
20kA
Max discharge current rating 8/20µs (I
max)
50kA
50kA
50kA
50kA
50kA
Short-Circuit Current Rating (SCCR)
200kA
200kA
200kA
200kA
200kA
Voltage Protection Rating (VPR)
600V
900V
1200V
1500V
1500V
Catalog symbols
• SPOD (Standard module)
• SPODU (Universal module)
Ratings
See ratings table
Agency information
• UL Recognized, 1449 3rd Edition Type 1 Surge Protective Device;
E340782
Flammability rating
• UL 94V0
Terminal material
• Nickel-plated copper
Storage and operating temperature range
• -25°C to +85°C
Traceability
• Each SurgePOD SPD module is marked with a serial number for
identification and tracking
Options
• Remote contact signaling is accomplished with a Normally Open
(NO) microswitch that closes upon the module reaching an
overvoltage breakdown condition.
• Local visual indication is accomplished with indicating tabs that
protrude through the device’s top upon the module reaching an
overvoltage breakdown condition.
Packaging
• 200 units per master pack
Additional information
• The SurgePOD module may be damaged by excessive
mechanical shock or rough handling. To ensure integrity of
finished device, do NOT install any SurgePOD module that was
dropped or abused during assembly.
• Suitability for final application of a SurgePOD module to be
determined by the OEM.
Optional Local Visual Indication Tabs
Standard and Universal modules
SurgePOD device under
normal operation.
Local visual indication
tabs exposed upon
reaching an overvoltage
breakdown condition.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com