Electronic Components Datasheet Search
  English  ▼

X  

KDR Datasheet(PDF) 3 Page - Cooper Bussmann, Inc.

Part # KDR
Description  250V and 600V cable limiters
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

KDR Datasheet(HTML) 3 Page - Cooper Bussmann, Inc.

  KDR Datasheet HTML 1Page - Cooper Bussmann, Inc. KDR Datasheet HTML 2Page - Cooper Bussmann, Inc. KDR Datasheet HTML 3Page - Cooper Bussmann, Inc. KDR Datasheet HTML 4Page - Cooper Bussmann, Inc. KDR Datasheet HTML 5Page - Cooper Bussmann, Inc. KDR Datasheet HTML 6Page - Cooper Bussmann, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
Technical Data 1042
Effective December 2015
Cable limiters
Eaton.com/bussmannseries
Terminals:
•
Tube-to-tube — copper conductor only
Dimensions - in (mm)
Catalog
symbol
Copper
cable size
A
B
C
D
E
KCY
4AWG
1.25 (31.8)
2.88 (73.0)
1.06 (27.0)
0.31 (7.9)
0.25 (6.4)
KCZ
3AWG
1.25 (31.8)
2.88 (73.0)
1.06 (27.0)
0.34 (8.7)
0.28 (7.1)
KCA
2AWG
1.25 (31.8)
2.88 (73.0)
1.06 (27.0)
0.44 (11.1)
0.31 (7.9)
KCB
1AWG
1.25 (31.8)
2.88 (73.0)
1.06 (27.0)
0.47 (11.9)
0.34 (8.7)
KCC
1/0AWG
1.5 (38.1)
2.625 (66.7)
1.25 (31.8)
0.52 (13.1)
0.39 (9.9)
KCD*, †
2/0AWG
1.63 (41.3)
2.625 (66.7)
1.25 (31.8)
0.44 (14.3)
0.70 (11.1)
KCE
3/0AWG
1.63 (41.3)
3.63 (92.1)
1.44 (36.5)
0.61 (15.5)
0.48 (12.3)
KCF
4/0AWG
1.75 (44.5)
3.63 (92.1)
1.44 (36.5)
0.34 (17.5)
0.55 (14.0)
KCH
250kcmil
1.88 (47.6)
3.63 (92.1)
1.44 (36.5)
0.75 (19.0)
0.59 (15.0)
KCJ*†
350kcmil
2.0 (50.8)
3.63 (92.1)
1.63 (41.3)
0.88 (22.2)
0.70 (17.9)
KCM*, †, ††
500kcmil
2.88 (73.0)
3.08 (78.2)
1.88 (47.6)
1.06 (27.0)
0.83 (21.0)
KCV
600kcmil
3.5 (88.9)
3.08 (78.2)
1.88 (47.6)
1.155 (29.3)
0.92 (23.4)
KCR*, †
750kcmil
3.5 (88.9)
3.75 (95.25)
2.5 (63.5)
1.31 (33.3)
1.06 (27.0)
KCS
1000kcmil
5.0 (127.0)
3.75 (95.25)
2.5 (63.5)
1.56 (39.7)
1.22 (31.0)
* UL Listed, File E90818, 600Vac, 200kA I.R.
† Available with shrink tube “–V” suffix.
††Available with molded rubber boot “-B” suffix. Boot can be purchased separately, order Part# - BOOT-KCM
B
A
A
C
E
D
600V K Series
Catalog Symbol: K__
Applications:
The 600Vac K cable limiters are designed for use on
non-residential 277/480, 120/208 and 120/240 volt systems.
Ratings:
•
Volts: up to 600Vac
•
Interrupting Rating: 200kA, RMS Sym.
Agency information:
•
KCD, KCJ, KCM, KCR, KDM, KDR, KDP and KFM cable limiters
are UL Listed under File E90818 for only copper conductors.
Terminals:
•
Tube-to-tube
•
Tube-to-offset bolt
•
Compression rod-to-tube
•
Center bolt-to-offset bolt
Conductors:
•
Copper only on:
•
Tube-to-tube
•
Tube-to-offset bolt
•
Compression rod-to-tube
•
Copper or aluminum on
•
Center bolt-to-offset bolt



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com