Electronic Components Datasheet Search
  English  ▼

X  

AMS303 Datasheet(PDF) 3 Page - Advanced Monolithic Systems

Part # AMS303
Description  MICROPOWER COMPARATOR, OPEN COLLECTOR OUTPUT
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADMOS [Advanced Monolithic Systems]
Direct Link  http://www.advanced-monolithic.com
Logo ADMOS - Advanced Monolithic Systems

AMS303 Datasheet(HTML) 3 Page - Advanced Monolithic Systems

  AMS303 Datasheet HTML 1Page - Advanced Monolithic Systems AMS303 Datasheet HTML 2Page - Advanced Monolithic Systems AMS303 Datasheet HTML 3Page - Advanced Monolithic Systems AMS303 Datasheet HTML 4Page - Advanced Monolithic Systems AMS303 Datasheet HTML 5Page - Advanced Monolithic Systems AMS303 Datasheet HTML 6Page - Advanced Monolithic Systems AMS303 Datasheet HTML 7Page - Advanced Monolithic Systems  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Advanced Monolithic Systems, Inc.
www.advanced-monolithic.com
Phone (925) 443-0722 Fax (925) 443-0723
AMS303
15.0V DC ELECTRICAL CHARACTERISTICS
Electrical Characteristics at TA = 25ºC, V
+ = 15.0V, V- = 0V, VCM = VO = V+/2 unless otherwise noted.
PARAMETER
CONDITIONS
AMS303
Min.
Typ.
Max.
(Note 7)
(Note 6)
(Note 7)
Units
Input Offset Voltage
0.5
5
mV
Input Offset Voltage Average Drift
2
µV/ºC
Input Bias Current
11
20
nA
Input Offset Current
5
15
nA
Av
Voltage Gain
100
dB
Common Mode Rejection Ratio
0V ≤ VCM ≤ 5.0V
75
dB
Power Supply Rejection Ratio
5V ≤ V+ ≤ 10V
80
dB
Input Common-Mode Voltage
Range
For CMRR ≥ 55 dB
0
-0.2
2.7
2.75
V
V
Output Low
Iload= 2mA
0.2
300
mV
Supply Current
7
10
µA
AC ELECTRICAL CHARACTERISTICS
Unless otherwise specified, all limits guaranteed for TJ = 25 °C, V
+ = 5V, V- = 0V, VCM = VO = V+/2. Boldface limits apply at
the temperature extreme.
PARAMETER
CONDITIONS
AMS303
Min.
Typ.
Max.
Units
Rise Time
f = 10kHz, CL = 50 pF, ( Note 9)
Overdrive = 100 mV, 5Ω Pullup
25
ns
Fall Time
f = 10 kHz, CL = 50 pF, (Note 9)
Overdrive = 100mV, 5Ω Pullup
30
ns
Propagation Delay
(High to Low) (Note 11)
f = 10 kHz, CL = 50 pF,
10 mV overdrive
5 kΩ Pullup (Note 9)
100 mV overdrive
400
320
ns
ns
Propagation Delay
(Low to High) (Note 11)
f = 10 kHz, CL = 50 pF,
10 mV overdrive
5 kΩ Pullup (Note 9)
100 mV overdrive
420
ns
Note 1: Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for
which the device is intended to be functional, but specific performance is not guaranteed. For guaranteed specifications and the test
conditions, see the Electrical Characteristics.
Note 2: Human body model, 1.5 kΩ in series with 100 pF.
Note 3: Applies to both single-supply and split-supply operation. Continuous short circuit operation at elevated ambient temperature can
result in exceeding the maximum allowed junction temperature of 150
°C. Output currents in excess of ±30 mA may adversely affect
reliability.
Note 4: The maximum power dissipation is a function of TJ(max), θJA, and TA. The maximum allowable power dissipation at any ambient
temperature is.
Note 5: PD = (TJ(max) - TA)/ θJA. All numbers apply for packages soldered directly into a PC board.
Note 6: Typical values represent the most likely parametric norm.
Note 7: All limits are guaranteed by testing or statistical analysis.
Note 8: Limiting input pin current is only necessary for input voltages which exceed the absolute maximum input voltage rating.
Note 9: Do not short circuit the output to V+ when V+ is greater than 12V or reliability will be adversely affected.
Note 10: CL includes the probe and test jig capacitance.
Note 11: Input offset voltage average drift is calculated by dividing the accelerated operating life VOS drift by the equivalent operational time.
This represents worst case input conditions and includes the first 30 days of drift.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com