Electronic Components Datasheet Search
  English  ▼

X  

LC201S Datasheet(PDF) 11 Page - Sanken electric

Part # LC201S
Description  Power Supply IC for Microcomputer
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

LC201S Datasheet(HTML) 11 Page - Sanken electric

Back Button LC201S Datasheet HTML 5Page - Sanken electric LC201S Datasheet HTML 6Page - Sanken electric LC201S Datasheet HTML 7Page - Sanken electric LC201S Datasheet HTML 8Page - Sanken electric LC201S Datasheet HTML 9Page - Sanken electric LC201S Datasheet HTML 10Page - Sanken electric LC201S Datasheet HTML 11Page - Sanken electric LC201S Datasheet HTML 12Page - Sanken electric LC201S Datasheet HTML 13Page - Sanken electric  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
LC201S
LC201S-DS Rev.1.2
SANKEN ELECTRIC CO.,LTD.
11
Mar. 30, 2016
10.3 Typcal Operation Waveform
 Normal Operation Waveform
AC 80 V (SL = GND)
AC 265 V (SL = GND)
(Ch1: AC, Ch2: OUT1, Ch3: OUT2)
(Ch1: AC, Ch2: OUT1, Ch3: OUT2)
 Operation Waveform when Input Voltage is Varied
AC 80 V→AC 265 V (SL = Open)
AC 265V→AC 80 V (SL = Open)
(Ch1: AC, Ch2: OUT1, Ch3: OUT2)
(Ch1: AC, Ch2: OUT1, Ch3: OUT2)
AC 80 V→AC 265 V (SL = GND)
AC 265V→AC 80 V (SL = GND)
(Ch1: AC, Ch2: OUT1, Ch3: OUT2)
(Ch1: AC, Ch2: OUT1, Ch3: OUT2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com