Electronic Components Datasheet Search
  English  ▼

X  

MBR2045 Datasheet(PDF) 1 Page - SUNMATE electronic Co., LTD

Part # MBR2045
Description  SCHOTTKY BARRIER RECTIFIER DIODES
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNMATE [SUNMATE electronic Co., LTD]
Direct Link  http://www.sunmate.tw/
Logo SUNMATE - SUNMATE electronic Co., LTD

MBR2045 Datasheet(HTML) 1 Page - SUNMATE electronic Co., LTD

  MBR2045 Datasheet HTML 1Page - SUNMATE electronic Co., LTD MBR2045 Datasheet HTML 2Page - SUNMATE electronic Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Note:1.Measured at 1MHz and applied reverse voltage of 4.0V D.C.
2.Thermal resistance from junction to case
VOLTS
VOLTS
VOLTS
SYMBOLS
UNITS
Amps
Amps
Volts
VRRM
VRMS
VDC
I(AV)
IFSM
VF
20.0
150.0
0.75
Operating junction temperature range
Maximum repetitive peak reverse voltage
Maximum RMS voltage
Maximum DC blocking voltage
Maximum average forward rectified current
at Tc(see fig.1)
Peak forward surge current
8.3ms single half sine-wave superimposed on
rated load (JEDEC Method)
Maximum instantaneous forward voltage at 10.0A
Maximum DC reverse current
TA=25 C
at rated DC blocking voltage
TA=100 C
Typical junction capacitance (NOTE 1)
IR
1.0
R
θJC
CJ
TJ
TSTG
2.0
450
pF
C
mA
Typical thermal resistance (NOTE 2)
C/W
Storage temperature range
C
-50 to +150
-50 to +125
-50 to +150
15.0
50.0
0.55
0.85
550
20
14
20
30
21
30
40
28
40
50
35
50
60
42
60
80
56
80
100
70
100
70
49
70
90
63
90
MBR
2020
MBR
2030
MBR
2050
MBR
2040
MBR
2060
MBR
2080
MBR
2070
MBR
2090
MBR
20100
45
32
45
MBR
2045
MDD Catalog Number
Dimensions in inches and (millimeters)
TO-220AC
0.160 (4.05)
0.140 (3.55)
0.105 (2.67)
0.095 (2.41)
0.205 (5.20)
0.195 (4.95)
0.037(0.94)
0.027(0.68)
0.635(16.13)
0.625(15.87)
0.113(2.87)
0.103(2.62)
0.154(3.91)
0.148(3.74)
0.415(10.54)
MAX
0.410(10.41)
0.390(9.91)
0.145(3.68)
0.135(3.43)
0.350(8.89)
0.330(8.38)
1.148(29.16)
1.118(28.40)
0.590(14.22)
0.530(13.46)
0.022(0.58)
0.014(0.35)
0.110(2.79)
0.100(2.54)
0.560(14.2)
0.530(13.4)
0.057(1.45)
0.051(1.30)
0.185(4.70)
0.175(4.44)
PIN 1
PIN 2
CASE
1
2
PIN
DIA
Method 2026
Polarity: As marked
Mounting Position: Any
Weight:0.064 ounce, 1.81 grams
SCHOTTKY BARRIER RECTIFIER DIODES
MBR2020 -MBR20100
CURRENT: 20.0 A
VOLTAGE RANGE: 20 - 100V
Features
Mechanical Data
!
!
!
!
!
!
Case: TO-220AC molded plastic body
Terminals: Leads solderable per MIL-STD-750,
250 C,0.25”(6.35mm) from case for 10 seconds
Flammability Classification 94V-0
Construction utilizes void-free
molded plastic technique
Low reverse leakage
High forward surge current capability
High temperature soldering guaranteed:
!
!
!
!
!
!
The plastic package carries Underwriters Laboratory
!
!
Maximum Ratings and Electrical Characteristics TA = 25°C unless otherwise specified
Single phase, half wave, 60Hz, resistive or inductive load. For capacitive load, derate current by 20%.
1 of 2
www.sunmate.tw


Similar Part No. - MBR2045

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
MBR2045 MCC-MBR2045 Datasheet
98Kb / 2P
20 Amp Schottky Barrier Rectifier 20 to 100 Volts
logo
Gunter Seniconductor Gm...
MBR2045 GSG-MBR2045 Datasheet
76Kb / 1P
Chips for Schottky Diodes
logo
JILIN SINO-MICROELECTRO...
MBR2045 JSMC-MBR2045 Datasheet
336Kb / 7P
SCHOTTKY BARRIER DIODE
logo
Taiwan Semiconductor Co...
MBR2045 TSC-MBR2045 Datasheet
665Kb / 2P
20.0 AMPS. Schottky Barrier Rectifiers
logo
Kersemi Electronic Co.,...
MBR2045 KERSEMI-MBR2045 Datasheet
820Kb / 2P
20 Amp Schottky Barrier Rectifier 20 to 100 Volts
More results

Similar Description - MBR2045

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
1N5817 EIC-1N5817 Datasheet
16Kb / 2P
SCHOTTKY BARRIER RECTIFIER DIODES
SBT20 EIC-SBT20 Datasheet
28Kb / 2P
SCHOTTKY BARRIER RECTIFIER DIODES
logo
Semikron International
SB1520TL SEMIKRON-SB1520TL Datasheet
188Kb / 3P
Schottky barrier rectifier diodes
logo
Unisonic Technologies
MBR1060C UTC-MBR1060C_08 Datasheet
106Kb / 2P
SCHOTTKY BARRIER RECTIFIER DIODES
logo
Diotec Semiconductor
SB520 DIOTEC-SB520_13 Datasheet
93Kb / 2P
Schottky Barrier Rectifier Diodes
SB1230 DIOTEC-SB1230 Datasheet
158Kb / 2P
Schottky Barrier Rectifier Diodes
SBX2020 DIOTEC-SBX2020_18 Datasheet
149Kb / 2P
Schottky Barrier Rectifier Diodes
SB1520 DIOTEC-SB1520_18 Datasheet
221Kb / 2P
Schottky Barrier Rectifier Diodes
logo
SUNMATE electronic Co.,...
MBRD340 SUNMATE-MBRD340 Datasheet
1Mb / 3P
SCHOTTKY BARRIER RECTIFIER DIODES
MBRD1040 SUNMATE-MBRD1040 Datasheet
1Mb / 3P
SCHOTTKY BARRIER RECTIFIER DIODES
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com