Electronic Components Datasheet Search
  English  ▼

X  

SIM6812M Datasheet(PDF) 13 Page - Sanken electric

Part # SIM6812M
Description  High Voltage 3-Phase Motor Driver ICs
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

SIM6812M Datasheet(HTML) 13 Page - Sanken electric

Back Button SIM6812M Datasheet HTML 8Page - Sanken electric SIM6812M Datasheet HTML 9Page - Sanken electric SIM6812M Datasheet HTML 10Page - Sanken electric SIM6812M Datasheet HTML 11Page - Sanken electric SIM6812M Datasheet HTML 12Page - Sanken electric SIM6812M Datasheet HTML 13Page - Sanken electric SIM6812M Datasheet HTML 14Page - Sanken electric SIM6812M Datasheet HTML 15Page - Sanken electric SIM6812M Datasheet HTML 16Page - Sanken electric  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
13
SANKEN ELECTRIC CO., LTD.
SIM6800M-DS
Ver. 02
High Voltage 3-Phase Motor Driver ICs
SIM6800M Series
120
21
40
Pin List Table
Number
Name
Function
1
LS3A
Source pin (W phase)
2
LS2
Source pin (V phase) (optionally use pin 33)
3
OCP
Input for Overcurrent Protection
4
¯F¯¯¯O¯
Error signal output pin
5
VCC2
Low-side logic supply voltage
6
COM2
Low-side logic GND pin
7
LIN1
Low side input pin (U phase)
8
LIN2
Low side input pin (V phase)
9
LIN3
Low side input pin (W phase)
10
OCL
Current limiter output signal pin
11
LS1
Source pin (U phase)
12
SD
Hide-side shutdown pin
13
HIN1
High-side input pin (U phase)
14
HIN2
High-side input pin (V phase)
15
HIN3
High-side input pin (W phase)
16
COM1
High-side logic GND pin
17
VCC1
High-side logic supply voltage
Pin-out Diagram
Number
Name
Function
18,22,25,
27,29,32,
34,36,
38,39
NC
No connection (pin deleted)
19
V
High side boot-strap negative pin (V phase)
20
VB2
High side boot-strap positive pin (V phase)
21
VB1A
High side boot-strap positive pin (U phase)
2
3
VB3
High side boot-strap positive pin (W phase)
24
W1
Output of W phase; connect to W2 externally
26
V1
Output of V phase; connect to V2 externally
28
VBB
Main supply voltage
30
VB1B
High side boot-strap positive pin (U phase)
31
U
Output of U phase
33
LS2
Source pin (V phase); pin trimmed
35
V2
Output of V-phase; connect to V1 externally
37
W2
Output of W-phase; connect to W1 externally
40
LS3B
Source pin (W phase)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com