Electronic Components Datasheet Search
  English  ▼

X  

SIM6827M Datasheet(PDF) 2 Page - Sanken electric

Part # SIM6827M
Description  High Voltage 3-Phase Motor Driver ICs
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

SIM6827M Datasheet(HTML) 2 Page - Sanken electric

  SIM6827M Datasheet HTML 1Page - Sanken electric SIM6827M Datasheet HTML 2Page - Sanken electric SIM6827M Datasheet HTML 3Page - Sanken electric SIM6827M Datasheet HTML 4Page - Sanken electric SIM6827M Datasheet HTML 5Page - Sanken electric SIM6827M Datasheet HTML 6Page - Sanken electric SIM6827M Datasheet HTML 7Page - Sanken electric SIM6827M Datasheet HTML 8Page - Sanken electric SIM6827M Datasheet HTML 9Page - Sanken electric Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
2
SANKEN ELECTRIC CO., LTD.
SIM6800M-DS
Ver. 02
High Voltage 3-Phase Motor Driver ICs
SIM6800M Series
Selection Guide
Part
Number
Power Device Rating
Boot
Resistance
(Ω)
Input
Voltage
(VAC)
Note
Type
Breakdown
(V)
Output
(A)
VCE(sat) (V)
(Typ)
(Max)
SIM6812M
MOSFET
500
2.5
2.0
2.4
60
200
SIM6813M
MOSFET
500
3.0
1.4
1.7
60
200
SIM6822M
IGBT
600
5.0
1.75
2.2
60
200
Low switching loss
SIM6827M
Low noise
Recommended Operating Conditions
Characteristic
Symbol
Remarks
Min.
Typ.
Max.
Units
Main Supply Voltage
VBB
SIM6812M
SIM6813M
Between VBB and LS
–
–
400
V
SIM6822M
SIM6827M
–
–
400
V
Logic Supply Voltage
VCC
Between VCC and COM
13.5
15
16.5
V
Dead Time
tdead
1.5
–
–
μs
Bootstrap Capacitor
CBOOT
1––
μF
Pull-up Resistor ¯F¯¯¯O¯ Pin
RFO
3.3
–
10
kΩ
Capacitor ¯F¯¯¯O¯ Pin
CFO
0.001
–
0.01
μF
Shunt Resistor LS Pin
RS
SIM6812M
SIM6813M
VLS ≤ 1 V
0.33
–
–
Ω
Switching Frequency
fPWM
SIM6822M
SIM6827M
–
–
20
kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com