Electronic Components Datasheet Search
  English  ▼

X  

STW24N60DM2 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STW24N60DM2
Description  N-channel 600 V, 0.175 (ohm) typ., 18 A FDmesh II Plus low Qg Power MOSFETs in D2PAK, TO-220 and TO-247 packages
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW24N60DM2 Datasheet(HTML) 1 Page - STMicroelectronics

  STW24N60DM2 Datasheet HTML 1Page - STMicroelectronics STW24N60DM2 Datasheet HTML 2Page - STMicroelectronics STW24N60DM2 Datasheet HTML 3Page - STMicroelectronics STW24N60DM2 Datasheet HTML 4Page - STMicroelectronics STW24N60DM2 Datasheet HTML 5Page - STMicroelectronics STW24N60DM2 Datasheet HTML 6Page - STMicroelectronics STW24N60DM2 Datasheet HTML 7Page - STMicroelectronics STW24N60DM2 Datasheet HTML 8Page - STMicroelectronics STW24N60DM2 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
This is information on a product in full production.
March 2014
DocID025499 Rev 3
1/21
STB24N60DM2, STP24N60DM2,
STW24N60DM2
N-channel 600 V, 0.175
Ω typ., 18 A FDmesh II Plus™ low Q
g
Power MOSFETs in D
2
PAK, TO-220 and TO-247 packages
Datasheet
− production data
Figure 1. Internal schematic diagram
Features
• Extremely low gate charge and input
capacitance
• Lower R
DS(on)
x area vs previous generation
• Low gate input resistance
• 100% avalanche tested
• Zener-protected
• Extremely high dv/dt and avalanche
capabilities
Applications
• Switching applications
Description
These FDmesh II Plus™ low Q
g
Power MOSFETs
with intrinsic fast-recovery body diode are
produced using a new generation of MDmesh™
technology: MDmesh II Plus™ low Q
g
. These
revolutionary Power MOSFETs associate a
vertical structure to the company's strip layout to
yield one of the world's lowest on-resistance and
gate charge. They are therefore suitable for the
most demanding high efficiency converters and
ideal for bridge topologies and ZVS phase-shift
converters.
D(2, TAB)
G(1)
S(3)
AM01476v1
D2PAK
TO-220
TO-247
1
3
2
TAB
1
2
3
TAB
1
2
3
Order codes
VDS @
TJmax
RDS(on)
max
ID
STB24N60DM2
650 V
0.20
Ω
18 A
STP24N60DM2
STW24N60DM2
Table 1. Device summary
Order codes
Marking
Package
Packaging
STB24N60DM2
24N60DM2
D
2
PAK
Tape and reel
STP24N60DM2
TO-220
Tube
STW24N60DM2
TO-247
www.st.com


Similar Part No. - STW24N60DM2

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STW24N60M2 STMICROELECTRONICS-STW24N60M2 Datasheet
1Mb / 22P
N-channel 600 V, 0.168 typ., 18 A MDmesh II Plus low Qg Power MOSFET in D2PAK
28-May-2013
STW24N60M6 STMICROELECTRONICS-STW24N60M6 Datasheet
265Kb / 13P
N-channel 600 V, 162 m typ., 17 A, MDmesh™ M6 Power MOSFET in a TO-247 package
August 2018 Rev 1
More results

Similar Description - STW24N60DM2

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STF26NM60N STMICROELECTRONICS-STF26NM60N Datasheet
1Mb / 23P
N-channel 600 V, 0.135 ohm typ., 20 A MDmesh II Power MOSFET in D2PAK, I2PAK, TO-220, TO-220FP and TO-247 packages
20-Jun-2012
STW34NM60ND STMICROELECTRONICS-STW34NM60ND Datasheet
1Mb / 22P
N-channel 600 V, 0.097 Ohm typ., 29 A FDmesh II Power MOSFET (with fast diode) in D2PAK, TO-220FP, TO-220 and TO-247
01-Oct-2012
STP24N60M2 STMICROELECTRONICS-STP24N60M2 Datasheet
1Mb / 22P
N-channel 600 V, 0.168 Ω typ., 18 A MDmesh II Plus??low Qg Power MOSFET in D2PAK, I2PAK, TO-220 and TO-247 packages
28-May-2013
STB24N60M2 STMICROELECTRONICS-STB24N60M2 Datasheet
1Mb / 22P
N-channel 600 V, 0.168 typ., 18 A MDmesh II Plus low Qg Power MOSFET in D2PAK
28-May-2013
STF40N60M2 STMICROELECTRONICS-STF40N60M2 Datasheet
1Mb / 22P
N-channel 600 V, 0.078 typ., 34 A MDmesh II Plus low Qg Power MOSFETs in D2PAK, TO-220 and TO-247 packages
13-May-2014
STFI40N60M2 STMICROELECTRONICS-STFI40N60M2 Datasheet
1Mb / 21P
N-channel 600 V, 0.078 typ., 34 A MDmesh II Plus low Qg Power MOSFETs in D2PAK, TO-220 and TO-247 packages
13-May-2014
STW33N60M2 STMICROELECTRONICS-STW33N60M2 Datasheet
1Mb / 20P
N-channel 600 V, 0.108 typ., 26 A MDmesh II Plus low Qg Power MOSFETs in TO-220FP, I2PAK, TO-220 and TO-247 packages
November 2013 Rev 2
STF9N60M2 STMICROELECTRONICS-STF9N60M2 Datasheet
884Kb / 15P
N-channel 600 V, 0.72 ??typ., 5.5 A MDmesh II Plus??low Qg Power MOSFETs in TO-220FP and I2PAKFP packages
10-Mar-2014
STB28NM60ND STMICROELECTRONICS-STB28NM60ND Datasheet
1Mb / 22P
N-channel 600 V, 0.13 Ω typ., 23 A FDmesh™ II Power MOSFETs in D²PAK, TO-220FP, TO-220 and TO-247 packages
05-May-2014
STP13N60M2 STMICROELECTRONICS-STP13N60M2 Datasheet
1Mb / 18P
N-channel 600 V, 0.35 Ω typ., 11 A MDmesh II Plus™ low Qg Power MOSFETs in TO-220, IPAK and TO-247 packages
February 2014 Rev 5
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com