Electronic Components Datasheet Search
  English  ▼

X  

STLQ015M12R Datasheet(PDF) 9 Page - STMicroelectronics

Part # STLQ015M12R
Description  150 mA, ultra low quiescent current linear voltage regulator
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLQ015M12R Datasheet(HTML) 9 Page - STMicroelectronics

Back Button STLQ015M12R Datasheet HTML 5Page - STMicroelectronics STLQ015M12R Datasheet HTML 6Page - STMicroelectronics STLQ015M12R Datasheet HTML 7Page - STMicroelectronics STLQ015M12R Datasheet HTML 8Page - STMicroelectronics STLQ015M12R Datasheet HTML 9Page - STMicroelectronics STLQ015M12R Datasheet HTML 10Page - STMicroelectronics STLQ015M12R Datasheet HTML 11Page - STMicroelectronics STLQ015M12R Datasheet HTML 12Page - STMicroelectronics STLQ015M12R Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
STLQ015
Typical performance characteristics
DocID17285 Rev 6
9/17
6
Typical performance characteristics
Figure 4: Output voltage vs temperature
Figure 5: Output voltage vs input voltage
(VOUT = 0.8 V)
Figure 6: Output voltage vs input voltage
(VOUT = 3.3 V)
Figure 7: Dropout voltage vs temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com