Electronic Components Datasheet Search
  English  ▼

X  

NLSX5014 Datasheet(PDF) 9 Page - ON Semiconductor

Part # NLSX5014
Description  4-Bit 100 Mb/s Configurable Dual-Supply Level Translator
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NLSX5014 Datasheet(HTML) 9 Page - ON Semiconductor

Back Button NLSX5014 Datasheet HTML 5Page - ON Semiconductor NLSX5014 Datasheet HTML 6Page - ON Semiconductor NLSX5014 Datasheet HTML 7Page - ON Semiconductor NLSX5014 Datasheet HTML 8Page - ON Semiconductor NLSX5014 Datasheet HTML 9Page - ON Semiconductor NLSX5014 Datasheet HTML 10Page - ON Semiconductor NLSX5014 Datasheet HTML 11Page - ON Semiconductor NLSX5014 Datasheet HTML 12Page - ON Semiconductor NLSX5014 Datasheet HTML 13Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
NLSX5014
www.onsemi.com
9
STATIC POWER CONSUMPTION (TA = +25°C)
Symbol
Parameter
Test Conditions
VCC (V)
(Note 18)
VL (V)
(Note 19)
Typ
(Note 20)
Unit
CPD_VL
VL = Input port,
VCC = Output Port
CLoad = 0, f = 1 MHz,
EN = GND (outputs disabled)
0.9
4.5
0.01
pF
1.5
1.8
0.01
1.8
1.5
0.01
1.8
1.8
0.01
1.8
2.8
0.01
2.5
2.5
0.01
2.8
1.8
0.01
4.5
0.9
0.01
VCC = Input port,
VL = Output Port
CLoad = 0, f = 1 MHz,
EN = GND (outputs disabled)
0.9
4.5
0.01
pF
1.5
1.8
0.01
1.8
1.5
0.01
1.8
1.8
0.01
1.8
2.8
0.01
2.5
2.5
0.01
2.8
1.8
0.01
4.5
0.9
0.01
CPD_VCC
VL = Input port,
VCC = Output Port
CLoad = 0, f = 1 MHz,
EN = GND (outputs disabled)
0.9
4.5
0.01
pF
1.5
1.8
0.01
1.8
1.5
0.01
1.8
1.8
0.01
1.8
2.8
0.01
2.5
2.5
0.01
2.8
1.8
0.01
4.5
0.9
0.01
VCC = Input port,
VL = Output Port
CLoad = 0, f = 1 MHz,
EN = GND (outputs disabled)
0.9
4.5
0.01
pF
1.5
1.8
0.01
1.8
1.5
0.01
1.8
1.8
0.01
1.8
2.8
0.01
2.5
2.5
0.01
2.8
1.8
0.01
4.5
0.9
0.01
18. VCC is the supply voltage associated with the I/O VCC port, and VCC ranges from +0.9 V to 4.5 V under normal operating conditions.
19. VL is the supply voltage associated with the I/O VL port, and VL ranges from +0.9 V to 4.5 V under normal operating conditions.
20. Typical values are at TA = +25°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com